Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL251 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # RL251
Description  2.5A General Purpose Silicon Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RL251 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  RL251 Datasheet HTML 1Page - TAITRON Components Incorporated RL251 Datasheet HTML 2Page - TAITRON Components Incorporated RL251 Datasheet HTML 3Page - TAITRON Components Incorporated RL251 Datasheet HTML 4Page - TAITRON Components Incorporated RL251 Datasheet HTML 5Page - TAITRON Components Incorporated RL251 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. A/DX 2007-05-08
www.taitroncomponents.com
Page 2 of 6
RL251 – RL257
2.5A General Purpose Silicon Rectifier
Fig.2- Maximum Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Note: 1. 60Hz, resistive or inductive load. Derate current by 20% for capacitive load
2. Thermal resistance from junction to ambient at .375" (9.5mm) lead length.
.
Typical Characteristics Curves
Symbol
Description
RL251
RL252
RL253
RL254
RL255
RL256
RL257
Unit
Conditions
VF
Maximum Forward
Voltage
1.0
V
IF at 2.5 A
5.0
TA=25° C
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
50
µA
TA=100° C
CJ
Typical Junction
Capacitance
35
pf
VR=4V,
f=1MHz
Rθ-JA
Maximum Thermal
Resistance
35
° C/W
Note 2
Fig.1- Forward Current Derating Curve
Lead Temperature (°C)


Similar Part No. - RL251

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL251 RECTRON-RL251 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
Shanghai Lunsure Electr...
RL251 CHENYI-RL251 Datasheet
48Kb / 3P
   2.5Amp silicon rectifier 50to1000 volts
logo
Microdiode Electronics ...
RL251 CHENDA-RL251 Datasheet
546Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
GOOD-ARK Electronics
RL251 GOOD-ARK-RL251 Datasheet
199Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Jinan Jingheng (Group) ...
RL251 JINANJINGHENG-RL251 Datasheet
83Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - RL251

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RL251M TAITRON-RL251M Datasheet
174Kb / 4P
   2.5A General Purpose Silicon Rectifier
logo
Zibo Seno Electronic En...
RL251 ZSELEC-RL251 Datasheet
112Kb / 2P
   2.5A SILICON RECTIFIER
logo
NTE Electronics
NTE116 NTE-NTE116 Datasheet
18Kb / 2P
   General Purpose Silicon Rectifier
logo
Shanghai Shunye Electro...
1A1 SY-1A1 Datasheet
234Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1N4001S SY-1N4001S Datasheet
233Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201 SY-RL201 Datasheet
259Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
List of Unclassifed Man...
6A05 ETC1-6A05 Datasheet
744Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
10A05 ETC1-10A05 Datasheet
672Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
P600A-600M WINNERJOIN-P600A-600M Datasheet
185Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201-207 WINNERJOIN-RL201-207 Datasheet
173Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com