Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL251 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # RL251
Description  2.5A General Purpose Silicon Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RL251 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  RL251 Datasheet HTML 1Page - TAITRON Components Incorporated RL251 Datasheet HTML 2Page - TAITRON Components Incorporated RL251 Datasheet HTML 3Page - TAITRON Components Incorporated RL251 Datasheet HTML 4Page - TAITRON Components Incorporated RL251 Datasheet HTML 5Page - TAITRON Components Incorporated RL251 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. A/DX 2007-05-08
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
RL251 – RL257
2.5A General Purpose Silicon Rectifier
2.5A General Purpose Silicon Rectifier
Features
• Low forward voltage drop
• Low reverse leakage
• High forward surge current capability
• High temperature soldering: 260°C/10 seconds, 0.375” (9.5mm)
lead length at 5 lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
R-3 transfer molded plastic
Epoxy:
UL94V-0 rate flame retardant
Terminals:
Plated axial lead, solderable per MIL-STD-202E, Method 208C
Polarity:
Color band denotes cathode end
Mounting Position:
Any
Weight:
0.019 ounce, 0.54 gram
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
RL251
RL252
RL253
RL254
RL255
RL256
RL257
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse
Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS
Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC
Blocking Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average
Forward Rectified
Current
2.5
A
Note 1
IFSM
Peak Forward Surge
Current
150
A
8.3ms single
half sine-
wave
superimpose
d on rated
load (JEDEC
method)
TJ,TSTG
Operating Junction
and Storage
Temperature Range
-65 to +175
° C
R-3


Similar Part No. - RL251

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL251 RECTRON-RL251 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
Shanghai Lunsure Electr...
RL251 CHENYI-RL251 Datasheet
48Kb / 3P
   2.5Amp silicon rectifier 50to1000 volts
logo
Microdiode Electronics ...
RL251 CHENDA-RL251 Datasheet
546Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
GOOD-ARK Electronics
RL251 GOOD-ARK-RL251 Datasheet
199Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Jinan Jingheng (Group) ...
RL251 JINANJINGHENG-RL251 Datasheet
83Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - RL251

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RL251M TAITRON-RL251M Datasheet
174Kb / 4P
   2.5A General Purpose Silicon Rectifier
logo
Zibo Seno Electronic En...
RL251 ZSELEC-RL251 Datasheet
112Kb / 2P
   2.5A SILICON RECTIFIER
logo
NTE Electronics
NTE116 NTE-NTE116 Datasheet
18Kb / 2P
   General Purpose Silicon Rectifier
logo
Shanghai Shunye Electro...
1A1 SY-1A1 Datasheet
234Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1N4001S SY-1N4001S Datasheet
233Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201 SY-RL201 Datasheet
259Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
List of Unclassifed Man...
6A05 ETC1-6A05 Datasheet
744Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
10A05 ETC1-10A05 Datasheet
672Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
P600A-600M WINNERJOIN-P600A-600M Datasheet
185Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201-207 WINNERJOIN-RL201-207 Datasheet
173Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com