Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPE-350 Datasheet(PDF) 4 Page - CUI INC

Part # CPE-350
Description  piezo audio indicators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CPE-350 Datasheet(HTML) 4 Page - CUI INC

  CPE-350 Datasheet HTML 1Page - CUI INC CPE-350 Datasheet HTML 2Page - CUI INC CPE-350 Datasheet HTML 3Page - CUI INC CPE-350 Datasheet HTML 4Page - CUI INC CPE-350 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
page
date
DESCRIPTION: piezo audio indicators
4 of 5
11/12/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CPE-350
RELIABILITY TEST
item
test condition
operating (life test)
1. Continuous life test:
The part will be subjected to 48 hours of
continuous operation at +70°C with rated
voltage applied.
2. Intermittent life test:
A duty cycle of 1 minute on, 1 minutes off, a
minimum of 5,000 times at room temp
(+25 ±2°C) with rated voltage applied.
evaluation standard
The buzzer will be measured after
being placed at +25°C for 4
hours. The value of the
oscillation frequency/current
consumption should be ±10%
compared to the initial
measurements. The SPL should
be within ±10dB compared to
the initial measurements.
TEST CONDITIONS
standard test condition
a) tempurature: +5 ~ +35°C
b) humidity: 45 - 85%
c) pressure: 860-1060 mbar
judgement test condition
a) tempurature: +25 ±2°C
b) humidity: 60 - 70%
c) pressure: 860-1060 mbar


Similar Part No. - CPE-350

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-350 CUI-CPE-350 Datasheet
298Kb / 3P
   PIEZO BUZZER INDICATOR
11/15/2019
logo
CUI Devices
CPE-350 CUID-CPE-350 Datasheet
288Kb / 3P
   PIEZO BUZZER INDICATOR
08/05/2022
logo
CUI INC
CPE-350A CUI-CPE-350A Datasheet
192Kb / 4P
   piezo audio indicators
CPE-350A CUI-CPE-350A Datasheet
335Kb / 3P
   PIEZO BUZZER INDICATOR
11/04/2019
logo
CUI Devices
CPE-350A CUID-CPE-350A Datasheet
310Kb / 3P
   PIEZO BUZZER INDICATOR
08/05/2022
More results

Similar Description - CPE-350

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-203 CUI-CPE-203 Datasheet
216Kb / 5P
   piezo audio indicators
CPE-222H CUI-CPE-222H Datasheet
223Kb / 5P
   piezo audio indicators
CPE-223 CUI-CPE-223 Datasheet
218Kb / 5P
   piezo audio indicators
CPE-270 CUI-CPE-270 Datasheet
198Kb / 5P
   piezo audio indicators
CPE-276H CUI-CPE-276H Datasheet
291Kb / 5P
   piezo audio indicators
logo
Ohmite Mfg. Co.
OMT205C OHMITE-OMT205C Datasheet
55Kb / 1P
   Piezo Audio Indicators
logo
CUI INC
CPE-200 CUI-CPE-200 Datasheet
207Kb / 5P
   piezo audio indicators
CPE-460 CUI-CPE-460 Datasheet
272Kb / 5P
   piezo audio indicators
CPE-220 CUI-CPE-220 Datasheet
204Kb / 5P
   piezo audio indicators
CPE-232H CUI-CPE-232H Datasheet
205Kb / 5P
   piezo audio indicators
CPE-251 CUI-CPE-251 Datasheet
206Kb / 5P
   piezo audio indicators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com