Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPE-120 Datasheet(PDF) 1 Page - CUI INC

Part # CPE-120
Description  piezo audio transducer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CPE-120 Datasheet(HTML) 1 Page - CUI INC

  CPE-120 Datasheet HTML 1Page - CUI INC CPE-120 Datasheet HTML 2Page - CUI INC CPE-120 Datasheet HTML 3Page - CUI INC CPE-120 Datasheet HTML 4Page - CUI INC CPE-120 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
page
date
DESCRIPTION: piezo audio transducer
1 of 5
11/12/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CPE-120
SPECIFICATONS
operating voltage
30 Vp-p max.
current consumption
8 mA max.
at 10 Vp-p, sqaure wave, 6.0 Khz
sound pressure level
88 db min.
at 10 cm/10 Vp-p, sqaure wave, 6.0 Khz
electrostatic capacity
12,000 ± 30%
at 1 Khz/1 V
operating tempurature
-30 ~ +85° C
storage tempurature
-40 ~ +95° C
dimensions
Ø24.0 x H4.0 mm
weight
2.4 g max.
material
ABS UL-94 1/16” HB high heat (black)
terminal
wire type
RoHS
yes
APPEARANCE DRAWING
29.0
5.0
100.0
34.0
2.1
(2 PLCS)
1.50
4.0
black
red
UL1095 LF 28AWG
24.0
5.0
2.0
tolerance: ±0.5
units: mm


Similar Part No. - CPE-120

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-120 CUI-CPE-120 Datasheet
306Kb / 3P
   PIEZO BUZZER TRANSDUCER
04/28/2020
logo
CUI Devices
CPE-120 CUID-CPE-120 Datasheet
282Kb / 3P
   PIEZO BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CPE-120 CUI-CPE-120_V01 Datasheet
306Kb / 3P
   PIEZO BUZZER TRANSDUCER
04/28/2020
More results

Similar Description - CPE-120

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-1785 CUI-CPE-1785 Datasheet
179Kb / 4P
   PIEZO AUDIO TRANSDUCER
CPE-827 CUI-CPE-827 Datasheet
225Kb / 5P
   piezo audio transducer
CEP-1106 CUI-CEP-1106 Datasheet
398Kb / 5P
   piezo audio transducer
CEP-1116 CUI-CEP-1116 Datasheet
361Kb / 5P
   piezo audio transducer
CEP-1126 CUI-CEP-1126 Datasheet
360Kb / 5P
   piezo audio transducer
CPE-121 CUI-CPE-121 Datasheet
278Kb / 5P
   piezo audio transducer
CPE-267 CUI-CPE-267 Datasheet
278Kb / 5P
   piezo audio transducer
CPE-503 CUI-CPE-503 Datasheet
341Kb / 5P
   piezo audio transducer
CEP-1108 CUI-CEP-1108 Datasheet
1Mb / 5P
   piezo audio transducer
CEP-1160 CUI-CEP-1160 Datasheet
247Kb / 4P
   piezo audio transducer
CPE-502 CUI-CPE-502 Datasheet
279Kb / 5P
   piezo audio transducer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com