Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST90158 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST90158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90158 Datasheet(HTML) 5 Page - STMicroelectronics

  ST90158 Datasheet HTML 1Page - STMicroelectronics ST90158 Datasheet HTML 2Page - STMicroelectronics ST90158 Datasheet HTML 3Page - STMicroelectronics ST90158 Datasheet HTML 4Page - STMicroelectronics ST90158 Datasheet HTML 5Page - STMicroelectronics ST90158 Datasheet HTML 6Page - STMicroelectronics ST90158 Datasheet HTML 7Page - STMicroelectronics ST90158 Datasheet HTML 8Page - STMicroelectronics ST90158 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 190 page
background image
5/190
Table of Contents
1
9.5.5
Clocks And Serial Transmission Rates . .... . ... .. . . ... .. . . ... . ... .. .. .. 149
9.5.6
SCI Initialization Procedure . . . . . . . . . . . . . . . .... .... ... . . . . . . . . ... .. . . 149
9.5.7
Input Signals . . . . . . . . . . . . . . . . . ... .. ... .. .. ... .. .. ... .. .. .... . . ... . 151
9.5.8
Output Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . . 151
9.5.9
Interrupts and DMA . . . . . . . . . . . . ... .. ... .. .. ... .. .. ... .. .. .... . . ... . 152
9.5.10 Register Description . . . . ... .. . . ... . . . . ... .. ... .. . . . . . . . . ... .. . . ... . 155
9.6 EIGHT-CHANNEL ANALOG TO DIGITAL CONVERTER (A/D) . . . . . . . . . . . . . . . . . . . 166
9.6.1
Introduction . . . . . . . . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . . . . ... . 166
9.6.2
Functional Description . . . . . . . . . ... .. ... .. .. . . . . . . . ... .. .. .... . . ... . 167
9.6.3
Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... .... ... . ... .. . . ... .. . . 169
9.6.4
Register Description . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . .. . ... . 170
10 ELECTRICAL CHARACTERISTICS . . . . .... .. . .... . ... .. .. .. .... . . . ... . . . . . . . . . 174
11 GENERAL INFORMATION .... . ... .. . . ... .. . .... . ... .. .. .. .... . . . ... . . . . . . . . . 188
11.1 PACKAGE MECHANICAL DATA . . . . . . . . . . . . . . . . . .... . . . . ... . ... .. . . ... .. . . 188
11.2 80-PIN PLASTIC QUAD FLAT PACKAGE . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . 188
11.3 ORDERING INFORMATION . . . . . . . . . . . . . .... . ... .. . . . . .... . . . . .. . . . . . . . . . 189


Similar Part No. - ST90158

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST9015 SEMTECH_ELEC-ST9015 Datasheet
147Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Rectron Semiconductor
ST9015 RECTRON-ST9015 Datasheet
631Kb / 5P
   TRANSISTOR (PNP)
More results

Similar Description - ST90158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2764A STMICROELECTRONICS-2764A Datasheet
99Kb / 11P
   64K (8K x 8) UV EPROM and OTP ROM
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
   8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
logo
Fortune Semiconductor C...
FS98O21 FORTUNE-FS98O21 Datasheet
1Mb / 136P
   8-bit MCU with 2k program EPROM, 128-byte RAM
FS98O01 FORTUNE-FS98O01 Datasheet
890Kb / 58P
   8-bit MCU with 2k program EPROM, 128-byte RAM
FS98O02 FORTUNE-FS98O02 Datasheet
1Mb / 50P
   8-bit MCU with 2k program EPROM, 128-byte RAM
logo
STMicroelectronics
ST10F276 STMICROELECTRONICS-ST10F276 Datasheet
61Kb / 4P
   16-bit MCU with MAC unit, up to 832 Kbytes Flash memory and up to 68 Kbytes RAM
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
ST72101 STMICROELECTRONICS-ST72101 Datasheet
531Kb / 84P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
September 1999 Rev. 1.7
ST72101 STMICROELECTRONICS-ST72101_01 Datasheet
885Kb / 85P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com