Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC2512J103-XX-TR70 Datasheet(PDF) 6 Page - TAITRON Components Incorporated

Part # RC2512J103-XX-TR70
Description  Thick Film Chip Resistor General Purpose
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RC2512J103-XX-TR70 Datasheet(HTML) 6 Page - TAITRON Components Incorporated

  RC2512J103-XX-TR70 Datasheet HTML 1Page - TAITRON Components Incorporated RC2512J103-XX-TR70 Datasheet HTML 2Page - TAITRON Components Incorporated RC2512J103-XX-TR70 Datasheet HTML 3Page - TAITRON Components Incorporated RC2512J103-XX-TR70 Datasheet HTML 4Page - TAITRON Components Incorporated RC2512J103-XX-TR70 Datasheet HTML 5Page - TAITRON Components Incorporated RC2512J103-XX-TR70 Datasheet HTML 6Page - TAITRON Components Incorporated RC2512J103-XX-TR70 Datasheet HTML 7Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev. C/JJ 2007-08-10
www.taitroncomponents.com
Page 6 of 7
Thick Film Chip Resistor – General Purpose
RC2512
2512(inch): 6.4×3.2(mm)
cross to 6432(mm)
Resistance Value Code (in Ohm)
J series (E-24) 3 digit coding system
“000” for Jumper
F series (E-24/E-96) 4 digit coding system
RC: Chip Resistor – General Purpose
Factory Location Code
Resistance Tolerance J: ±5%;
(F: ±1%; Available upon request)
Packing Code
TR70: Tape and Reel, 7”reel, RoHS
BL: Bulk, RoHS
How to Order
RC 2512 J 103 - xx - TR70


Similar Part No. - RC2512J103-XX-TR70

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC2512JK-070RL YAGEO-RC2512JK-070RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
logo
Infineon Technologies A...
RC2512JK-07100KL INFINEON-RC2512JK-07100KL Datasheet
1Mb / 41P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
logo
YAGEO Corporation
RC2512JK-0710KL YAGEO-RC2512JK-0710KL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC2512JK-0715RL ETC2-RC2512JK-0715RL Datasheet
299Kb / 9P
   This specification describes RC2512 series chip resistors with fead-free terminations made by thick film process
More results

Similar Description - RC2512J103-XX-TR70

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WCR-WCR00201LF-1001-J-P IRCTT-WCR-WCR00201LF-1001-J-P Datasheet
236Kb / 3P
   General Purpose Thick Film Chip Resistor
logo
TAITRON Components Inco...
RC0805 TAITRON-RC0805 Datasheet
548Kb / 7P
   Thick Film Chip Resistor General Purpose
RC1210 TAITRON-RC1210 Datasheet
547Kb / 7P
   Thick Film Chip Resistor General Purpose
RC0201 TAITRON-RC0201 Datasheet
534Kb / 7P
   Thick Film Chip Resistor General Purpose
RC0603 TAITRON-RC0603 Datasheet
547Kb / 8P
   Thick Film Chip Resistor General Purpose
RC1206 TAITRON-RC1206 Datasheet
548Kb / 7P
   Thick Film Chip Resistor General Purpose
RC0402 TAITRON-RC0402 Datasheet
535Kb / 7P
   Thick Film Chip Resistor General Purpose
RC2010 TAITRON-RC2010 Datasheet
537Kb / 7P
   Thick Film Chip Resistor General Purpose
logo
IRC - a TT electronics ...
IRCIS00665-1 IRCTT-IRCIS00665-1 Datasheet
227Kb / 3P
   General Purpose Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012J000CS SAMSUNG-RC2012J000CS Datasheet
535Kb / 19P
   Thick Film Chip Resistor ( General )
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com