Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOX914B Datasheet(PDF) 1 Page - Fox Electronics

Part # FOX914B
Description  3.0V ULTRA MINIATURE SMD TCXO/VCTCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOX914B Datasheet(HTML) 1 Page - Fox Electronics

  FOX914B Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
85
© 2004 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
FEATURES
• 3.0V Operation
• 1.5mm Height Max
• Clipped Sine Output
• Low Cost
• Tape and Reel (2,000 pcs. STD)
3.0V ULTRA MINIATURE SMD TCXO/VCTCXO
MODEL: FOX914 SERIES
OPTIONS
• Voltage Control (FOX914E)
• Voltages of 2.8V ~ 3.3V
All dimensions are in millimeters.
Frequency
Stability
Operating
Temperature (ºC)
-20 ~ +75
-20 ~ +75
Frequency
Range (MHz)1
8.000 ~ 35.000
8.000 ~ 35.000
FOX914B
FOX914E
Model
Number
Part Number
490-Frequency-xxxxx
491-Frequency-xxxxx
See table
See table
• PART NUMBER SELECTION Learn More - Internet Required
Learn more about:
Part Marking Identification
Tape and Reel Specification
Internet required
• DEVELOPED FREQUENCIES1
12.600 MHz
12.800 MHz
13.000 MHz
13.824 MHz
14.400 MHz
14.850 MHz
16.800 MHz
19.200 MHz
19.440 MHz
19.680 MHz
19.800 MHz
20.000 MHz
26.000 MHz
1 Undeveloped frequencies available on an inquiry basis.
2 For proper operation, a control voltage (Vc) must be applied to pin 1 on VCTCXOs.
3Other stabilities/temperature ranges available.
4Other voltages available.
RoHS Compliance Status: Compliant
All specifications subject to change without notice. Rev. 11/11/04
8.000 ~ 35.000 MHz1
-20ºC ~ +75ºC
-40ºC ~ +85ºC
3.0V ± 5%
2.0mA
±1.0PPM
±2.5PPM
±0.2PPM
±0.2PPM
0.8V Min
10k
Ω // 10pF
±1.0PPM
±5.0 ~ ±15.0 PPM
PARAMETERS
Frequency Range
(FO)
Temperature Range
Operating
(TOPR)3
Storage
(TSTG)
Supply Voltage
(VDD)4
Input Current
(IDD)
Initial Frequency Tolerance (@ 25ºC ± 2ºC)
(Vc = 1.5V2)
Frequency Stability
Over Temperature Range3
Over Supply Voltage Change (3.0V ± 5%)
Over Load Change (10k
Ω ± 10% // 10pF ±10%)
Output Waveform
(Clipped Sine)
Peak-to-Peak Level (Vp-p)
Output Load
Aging per year
Pullability2
(Vc = 1.5 ± 1.0V)
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
3


Similar Part No. - FOX914B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX914B FOX-FOX914B Datasheet
170Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914B FOX-FOX914B Datasheet
495Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914B FOX-FOX914B Datasheet
376Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914B-19.200 FOX-FOX914B-19.200 Datasheet
376Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914B FOX-FOX914B_13 Datasheet
495Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
More results

Similar Description - FOX914B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX914B FOX-FOX914B_13 Datasheet
495Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914 FOX-FOX914_09 Datasheet
170Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914B-19.200 FOX-FOX914B-19.200 Datasheet
376Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
   3.0V SMD TCXO/VCTCXO
FOX924B-19.440 FOX-FOX924B-19.440 Datasheet
118Kb / 2P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX924 FOX-FOX924 Datasheet
95Kb / 2P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX924B-12288 FOX-FOX924B-12288 Datasheet
118Kb / 2P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX924B-12.288 FOX-FOX924B-12.288 Datasheet
118Kb / 2P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX923CH FOX-FOX923CH Datasheet
156Kb / 1P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX924B-20 FOX-FOX924B-20 Datasheet
120Kb / 3P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com