Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST75C520 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 6Page - STMicroelectronics ST75C520 Datasheet HTML 7Page - STMicroelectronics ST75C520 Datasheet HTML 8Page - STMicroelectronics ST75C520 Datasheet HTML 9Page - STMicroelectronics ST75C520 Datasheet HTML 10Page - STMicroelectronics ST75C520 Datasheet HTML 11Page - STMicroelectronics ST75C520 Datasheet HTML 12Page - STMicroelectronics ST75C520 Datasheet HTML 13Page - STMicroelectronics ST75C520 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
IV - FUNCTIONAL DESCRIPTION
IV.1 - System Architecture
The chip allows the design of a complete FAX
data-pump without any external component. Aver-
satile dual port RAM allows an easy interface with
most micro-controllers.
IV.2 - Operation
IV.2.1 - Modes
The modem implementation is fully compatible with
FAX modulation recommendations. The modula-
tion can be either Trellis Coded Modulation (TCM)
as in V.17 14400, 12000, 9600, 7200bps rates,
Quadrature Amplitude Modulation (QAM)
as in
V.29 9600, 7200, 4800 and V.27ter 4800 and
2400bps. Other modes of operation include tone
and DTMF detection or generation, or speech
mode.
IV.2.2 - Transmitter Description
The signal pulses are shaped in a dedicated filter
further combined with a compromise transmit
equalizer suited for transmission over strongly dis-
torted lines. 3 different compromise equalizers are
available and can be selected by software.
IV.2.3 - Receiver Description
The receiver section handles complex signals and
uses a fractionally spaced complex equalizer. It is
able to cope with distant modem timing drifts up to
10
-4 as specified in the ITU-T recommendations. It
also compensate for frequency drift up to 10Hz and
for phase jitter at multiple and simultaneous fre-
quencies.
IV.2.4 - Tone Generator Description
Four tones can be simultaneously generated by the
ST75C520. The tones are determined by their
frequenciesand by the output amplitude level. A set
of specific commands are also available for DTMF
generation (using two of the four generators avail-
able).
IV.2.5 - Tone Detector Description
Sixteen tones can be simultaneously detected by
the ST75C520. Each of the tones to be detected is
defined by the coefficients of a 4th order program-
mable IIR. Detection thresholds are also program-
mable from -45dBm up to -10dBm. DTMF detection
is also available and is performed by a specific filter
section (that requires no programming).
IV.2.6 - DTMF Detector Description
A DTMF Detector is included in the ST75C520, it
allows detection of valid DTMF Digits. Avalid DTMF
Digit is defined as a dual Tone with a total power
higher than -35dBm, a duration higher than 40ms
and a differential amplitude within 8dB (negative or
positive).
IV.2.7 - Voice Mode
The ST75C520 voice mode allows the implemen-
tation of enhanced telephone functions like an-
swering machines. The incoming samples
(9600Hz), received from the line are PCM A-law
coded and writen into the dual port RAM. The
outpoing samples are decompressed using the
same A-law and output to the telephone line.
The voice mode is entered using a CONF com-
mand, it can be either transmit voice from the dual
RAM Tx buffer to the telephone line, receive voice
from the telephone line to the dual RAM buffer, or
both of these functions simultaneously. The format
of the signal is A-law coded without complementa-
tion of the even bits. The buffer mechanism, be-
tween the host micro-controler and the ST75C520,
is identical to the mechanism used for parallel data
exchanges except that it starts immediately after
CONF command, the size of the transmit and
received buffer, are and must be 8 bytes, there is
no need for a XMIT command, and if an overrun or
underrun condition occurs no error will be reported
to the host processor.
IV.2.8 - Analog Loop Back Test Mode
In any transmission standard and serial data for-
mat, the ST75C520 can be configured for analog
loop back test.
IV.2.9 - Low Power Mode
Sleep state can be attained by a SLEEP command.
Activating the reset signal will wake up the data-
pump. When in sleep mode, the dual port RAM is
unavailable and the clocks are disabled.
When entering the low power mode, the ST75C520
stops its oscillator, all the peripherals of the DSP
core are stopped in order to reduce the power
consumption. The dual RAM is made inacessible.
The ST75C520 can be awakened by a hardware
reset.
There is a maximum time of 20ms to restart the
oscillator after waking up and an additional 5ms
after the interrupt to be able to accept any com-
mand coming from the host.
ST75C520
10/45


Similar Part No. - ST75C520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C530 STMICROELECTRONICS-ST75C530 Datasheet
599Kb / 84P
   SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
ST75C530FP-A STMICROELECTRONICS-ST75C530FP-A Datasheet
599Kb / 84P
   SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
ST75C540 STMICROELECTRONICS-ST75C540 Datasheet
599Kb / 84P
   SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
ST75C540FP-A STMICROELECTRONICS-ST75C540FP-A Datasheet
599Kb / 84P
   SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
More results

Similar Description - ST75C520

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
   High-speed fax modem data pump
logo
List of Unclassifed Man...
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
   Single Device Data/Fax Modem Data Pump
RCV336DPI ETC1-RCV336DPI Datasheet
992Kb / 14P
   V.34 Data V.17 Fax, Modem Data Pump
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
   V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
CH2056 ETC1-CH2056 Datasheet
365Kb / 19P
   HIGH SPEED Modem and FAX FAMILY
logo
PHOENIX CONTACT
100500 PHOENIX-100500 Datasheet
323Kb / 7P
   PSI-DATA/FAX-MODEM/RS232
logo
Sanyo Semicon Device
LC8920 SANYO-LC8920 Datasheet
192Kb / 8P
   FAX Modem
logo
List of Unclassifed Man...
XE3386L ETC-XE3386L Datasheet
58Kb / 16P
   Compact 33,600 BPS Data and Fax Modem
logo
CML Microcircuits
FX949 CMLMICRO-FX949 Datasheet
624Kb / 25P
   CDPD Wireless Modem Data Pump
logo
Synaptics Incorporated.
FM336 CONEXANT-FM336 Datasheet
85Kb / 14P
   High Performance Fax Modem Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com