Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E11C2H2C-155.520MTR Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # E11C2H2C-155.520MTR
Description  OSCILLATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E11C2H2C-155.520MTR Datasheet(HTML) 1 Page - Ecliptek Corporation

  E11C2H2C-155.520MTR Datasheet HTML 1Page - Ecliptek Corporation E11C2H2C-155.520MTR Datasheet HTML 2Page - Ecliptek Corporation E11C2H2C-155.520MTR Datasheet HTML 3Page - Ecliptek Corporation E11C2H2C-155.520MTR Datasheet HTML 4Page - Ecliptek Corporation E11C2H2C-155.520MTR Datasheet HTML 5Page - Ecliptek Corporation E11C2H2C-155.520MTR Datasheet HTML 6Page - Ecliptek Corporation E11C2H2C-155.520MTR Datasheet HTML 7Page - Ecliptek Corporation E11C2H2C-155.520MTR Datasheet HTML 8Page - Ecliptek Corporation E11C2H2C-155.520MTR Datasheet HTML 9Page - Ecliptek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3545 CADILLAC AVENUE
• COSTA MESA, CA 92626-1401 • (714) 433-1200 • Fax (714) 433-1234
Marketing Bulletin
DATE:
May 20, 2003
TO:
Affected Customers
FROM:
Mark Stoner
RE:
Product Termination
To all concerned parties,
This bulletin is to notify all customers of the termination of the following Ecliptek series
effective May 14
th, 2003:
Series
Description
Recommended Replacement
E11C1
Four Pad SMD PECL Oscillator, 5V
E11J1 or E11W1
E13C1
Four Pad SMD PECL Oscillator, 3.3V E13J1 or E13W1
E11C2
Six Pad SMD PECL Oscillator, 5V
E11J2 or E11W2
E13C2
Six Pad SMD PECL Oscillator, 3.3V
E13J2 or E13W2
E31C2
Six Pad SMD PECL VCXO, 5V
E31J2 or E31W2
E32C2
Six Pad SMD PECL VCXO, 3.3V
E32J2 or E32W2
Because of the circumstances surrounding this termination, there will be no end-of-life
policy exercised. The series will be terminated with no purchasing or lifetime buy
window available. All of us at Ecliptek Corporation apologize for any inconvenience this
may have caused and can assure you we are taking measures to insure this will not
happen again in the future.
Best Regards,
Mark W. Stoner
Director of Marketing
Ecliptek Corporation


Similar Part No. - E11C2H2C-155.520MTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E11 ETC2-E11 Datasheet
73Kb / 4P
   Thermal Cutouts Temperature Protection for Electronics
logo
Richco, Inc.
E11-CL RICHCO-E11-CL Datasheet
52Kb / 1P
   E CLAMPS
logo
Ecliptek Corporation
E1100AA-24.000M-CL175 ECLIPTEK-E1100AA-24.000M-CL175 Datasheet
72Kb / 2P
   SPECIFICATION CONTROL DRAWING
E1100AA-24.000M-G ECLIPTEK-E1100AA-24.000M-G Datasheet
72Kb / 2P
   SPECIFICATION CONTROL DRAWING
E1100AA-24000M-CL175 ECLIPTEK-E1100AA-24000M-CL175 Datasheet
72Kb / 2P
   SPECIFICATION CONTROL DRAWING
More results

Similar Description - E11C2H2C-155.520MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com