Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB52F4D15DN-12800M-CD Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EB52F4D15DN-12800M-CD
Description  OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB52F4D15DN-12800M-CD Datasheet(HTML) 1 Page - Ecliptek Corporation

  EB52F4D15DN-12800M-CD Datasheet HTML 1Page - Ecliptek Corporation EB52F4D15DN-12800M-CD Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EB52F4 Series
• Temperature Compensated
Crystal Oscillator (TCXO)
• HCMOS Output
• 3.3V Supply Voltage
• Stability to 1.5ppm
• External voltage
control option available
ECLIPTEK CORP.
OSCILLATOR
EB52F4
14-PIN DIP
3.3V
OS2X
06/04
OSCILLATOR
EB52F4
H
8.3
L 20.3
W 13.0
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Frequency Range
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Frequency Stability
Aging (at 25°C)
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Control Voltage Range
Control Voltage (External)
Frequency Deviation
Linearity
Input Impedance
Phase Noise (at 19.440MHz)
Measured at Steady State at 25°C, at Nominal V
DD,
at Nominal V
C
vs. Initial Frequency Tolerance
vs. Operating Temperature Range
vs. Input Voltage (V
DD ±5%)
vs. Load (±10%)
20% to 80% of Waveform
at 50% of Waveform
P ositive Transfer Characteristic
Referenced to F
O at VC = 1.65VDC, VDD = 3.3VDC
Measured at 25°C, at Nominal V
DD, at Nominal VC
at 10Hz Offset
at 100Hz Offset
at 1kHz Offset
at 10kHz Offset
at 100kHz Offset
1.544MHz to 44.736MHz
See Table 1
-55°C to 125°C
3.3V
DC ±5%
15mA Maximum < 20.000MHz
25mA Maximum > 20.000MHz
±2.5ppm (at Nominal V
DD and VC , at 25°C)
See Table 1 (at Nominal V
DD and VC )
±0.3ppm Maximum
±0.2ppm Maximum
±1ppm / year Maximum
90% of V
DD Minimum
10% of V
DD Maximum
6 nSeconds Maximum
50 ±5(%)
15pF HCMOS Load Maximum
0.0V
DC to VDD
1.65V
DC ±1.35VDC
±7ppm Minimum, ±20ppm Maximum
±10% Maximum
10kOhms Typical
-70dBc/Hz Typical
-100dBc/Hz Typical
-130dBc/Hz Typical
-140dBc/Hz Typical
-145dBc/Hz Typical


Similar Part No. - EB52F4D15DN-12800M-CD

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EB52F2A10N-20.000M ECLIPTEK-EB52F2A10N-20.000M Datasheet
165Kb / 5P
   SPECIFICATION CONTROL DRAWING
EB52F2A10N-20000M ECLIPTEK-EB52F2A10N-20000M Datasheet
165Kb / 5P
   SPECIFICATION CONTROL DRAWING
EB52F2A10V-20.000M ECLIPTEK-EB52F2A10V-20.000M Datasheet
165Kb / 5P
   SPECIFICATION CONTROL DRAWING
EB52F2A10V-20000M ECLIPTEK-EB52F2A10V-20000M Datasheet
165Kb / 5P
   SPECIFICATION CONTROL DRAWING
EB52F2A15N-20.000M ECLIPTEK-EB52F2A15N-20.000M Datasheet
165Kb / 5P
   SPECIFICATION CONTROL DRAWING
More results

Similar Description - EB52F4D15DN-12800M-CD

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com