Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA170A Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # P4SMA170A
Description  400W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

P4SMA170A Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  P4SMA170A Datasheet HTML 1Page - TAITRON Components Incorporated P4SMA170A Datasheet HTML 2Page - TAITRON Components Incorporated P4SMA170A Datasheet HTML 3Page - TAITRON Components Incorporated P4SMA170A Datasheet HTML 4Page - TAITRON Components Incorporated P4SMA170A Datasheet HTML 5Page - TAITRON Components Incorporated P4SMA170A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. D/AH 2008-02-25
P4SMA6.8A - P4SMA250CA
400W Surface Mount Transient
Voltage Suppressor
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
400W Surface Mount Transient Voltage Suppressor
Features
Breakdown voltage from 6.8 to 250 volts
Low inductance, excellent clamping capability
Repetition rate(duty cycle): 0.01%
Fast response time: typically less than 1.0ps from 0v to VBR
For unidirectional types
Typical IR less than 1 µA above 10V
High temperature soldering guaranteed:250°C/10 seconds at terminals
This series is UL recognized under component index. File number E315008
RoHS Compliant
Mechanical Data
Case:
JEDEC DO-214AC (SMA) molded plastic over glass passivated junction
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denoted positive end (cathode)
Mounting position:
Any
Weight:
0.002 ounces, 0.061 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
PPPM
Peak Pulse Power Dissipation
on 10/1000μs Waveform
Minimum 400
W
Non-repetitive current pulse, per FIG.3 and
derated above TA=25° C per FIG.2
IPPM
Peak Pulse current
on 10/1000μs Waveform
See Table
A
IFSM
Peak Forward Surge Current
40
A
8.3ms single half sine-wave superimposed
on rated load, (JEDEC Method) (Note 1,2)
TJ,TSTG
Operating Junction and Storage
Temperature Range
-55 to 150
° C
Note: 1.
Mounted on 5.0mm x 5.0mm (0.03mm thick) copper pads to each terminal
2.
8.3ms single half sine-wave, or equivalent square wave, Duty cycle= 4 pulses per minutes maximum.
SMA


Similar Part No. - P4SMA170A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P4SMA170A YFWDIODE-P4SMA170A Datasheet
715Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Won-Top Electronics
P4SMA170A WTE-P4SMA170A Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA170A SSC-P4SMA170A Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
P4SMA170A SOCAY-P4SMA170A Datasheet
580Kb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Shunye Enterprise
P4SMA170A SHUNYE-P4SMA170A Datasheet
349Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMA170A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com