Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E11C2F2A-155.520MTR Datasheet(PDF) 4 Page - Ecliptek Corporation

Part # E11C2F2A-155.520MTR
Description  OSCILLATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E11C2F2A-155.520MTR Datasheet(HTML) 4 Page - Ecliptek Corporation

  E11C2F2A-155.520MTR Datasheet HTML 1Page - Ecliptek Corporation E11C2F2A-155.520MTR Datasheet HTML 2Page - Ecliptek Corporation E11C2F2A-155.520MTR Datasheet HTML 3Page - Ecliptek Corporation E11C2F2A-155.520MTR Datasheet HTML 4Page - Ecliptek Corporation E11C2F2A-155.520MTR Datasheet HTML 5Page - Ecliptek Corporation E11C2F2A-155.520MTR Datasheet HTML 6Page - Ecliptek Corporation E11C2F2A-155.520MTR Datasheet HTML 7Page - Ecliptek Corporation E11C2F2A-155.520MTR Datasheet HTML 8Page - Ecliptek Corporation E11C2F2A-155.520MTR Datasheet HTML 9Page - Ecliptek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
E11C2
CERAMIC
5.0V
OS66
10/02
E11C2 Series
OSCILLATOR
E11C2
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
19.440MHz to 212.500MHz
0°C to 70°C or -40°C to 85°C
-55°C to 125°C
5.0V
DC ±5%
100mA Maximum
100KH
±100ppm, ±50ppm, ±25ppm, or
±20ppm Maximum
V
CC-1.025VDC Minimum
V
CC-1.620VDC Maximum
2 nSeconds Maximum
50 ±10(%)
50 ±5(%)
50 Ohms into V
CC-2.0VDC
No Connect, Enable/Disable,
Complementary Output, or
Complementary Output and Enable/Disable
Enables Output
Enables Output
Disables Output: Logic Low
Disables Complementary Output: Logic High
10 mSeconds Maximum
1 pSec Maximum
Frequency Range
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
CC)
Input Current
Logic Type
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Logic Control / Additional Output
Enable/Disable Input Voltage
Start Up Time
RMS Phase Jitter
Inclusive of Operating Temp Range, Supply Voltage,
Load, and Aging @25°C over 10 years
20% to 80% of waveform
at 50% of waveform
V
IL of VCC-1.475VDC Maximum
No Connection
V
IH of VCC-1.165VDC Minimum
FJ = 12kHz to 20MHz
800-ECLIPTEK www.ecliptek.com for latest revision
154
Specifications subject to change without notice.
• PECL Output Oscillators
• 5.0V supply voltage
• 6 pad ceramic SMD package with J-leads
• Stability to 20ppm
• Output Enable/Disable available
• Complementary Output available
• Available on Tape and Reel
H
5.1
L 14.2
W
9.85
OBSOLETE


Similar Part No. - E11C2F2A-155.520MTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E11 ETC2-E11 Datasheet
73Kb / 4P
   Thermal Cutouts Temperature Protection for Electronics
logo
Richco, Inc.
E11-CL RICHCO-E11-CL Datasheet
52Kb / 1P
   E CLAMPS
logo
Ecliptek Corporation
E1100AA-24.000M-CL175 ECLIPTEK-E1100AA-24.000M-CL175 Datasheet
72Kb / 2P
   SPECIFICATION CONTROL DRAWING
E1100AA-24.000M-G ECLIPTEK-E1100AA-24.000M-G Datasheet
72Kb / 2P
   SPECIFICATION CONTROL DRAWING
E1100AA-24000M-CL175 ECLIPTEK-E1100AA-24000M-CL175 Datasheet
72Kb / 2P
   SPECIFICATION CONTROL DRAWING
More results

Similar Description - E11C2F2A-155.520MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com