Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB33CA Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # P6SMB33CA
Description  600W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

P6SMB33CA Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  P6SMB33CA Datasheet HTML 1Page - TAITRON Components Incorporated P6SMB33CA Datasheet HTML 2Page - TAITRON Components Incorporated P6SMB33CA Datasheet HTML 3Page - TAITRON Components Incorporated P6SMB33CA Datasheet HTML 4Page - TAITRON Components Incorporated P6SMB33CA Datasheet HTML 5Page - TAITRON Components Incorporated P6SMB33CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
600W Surface Mount Transient Voltage Suppressor
Rev. D/AH 2008-02-25
P6SMB6.8A - P6SMB250CA
www.taitroncomponents.com
Page 3 of 6
Fig.1- Peak Pulse Power Rating Curve
Td - Pulse Width (sec.)
Fig.2- Pulse Derating Curve
Ta - Ambient Temperature (°C)
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current.
Part NO.
Device Marking
Code
Reverse
Stand-off
Voltage
V BR
Max.
Clamping
Voltage @
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM (V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
ID (
μA)
P6SMB150A
P6SMB150CA
150A
150C
128
143
158
1
207
2.9
1
P6SMB160A
P6SMB160CA
160A
160C
136
152
168
1
219
2.8
1
P6SMB170A
P6SMB170CA
170A
170C
145
162
179
1
234
2.6
1
P6SMB180A
P6SMB180CA
180A
180C
154
171
189
1
246
2.5
1
P6SMB200A
P6SMB200CA
200A
200C
171
190
210
1
274
2.2
1
P6SMB220A
P6SMB220CA
220A
220C
185
209
231
1
328
1.9
1
P6SMB250A
P6SMB250CA
250A
250C
214
237
263
1
344
1.8
1
Note:
For bi-directional type having VWM of 10V and less, the ID limit is double.
Typical Characteristics Curves


Similar Part No. - P6SMB33CA

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
P6SMB33CA UNSEMI-P6SMB33CA Datasheet
3Mb / 7P
   6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Central Semiconductor C...
P6SMB33CA CENTRAL-P6SMB33CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Ruilongyuan Electronics...
P6SMB33CA RUILON-P6SMB33CA Datasheet
827Kb / 7P
   Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P6SMB33CA SUNMATE-P6SMB33CA Datasheet
1,004Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Taiwan Semiconductor Co...
P6SMB33CA TSC-P6SMB33CA Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - P6SMB33CA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com