Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC1SMF-B-30000M Datasheet(PDF) 4 Page - Ecliptek Corporation

Part # EC1SMF-B-30000M
Description  CRYSTAL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC1SMF-B-30000M Datasheet(HTML) 4 Page - Ecliptek Corporation

  EC1SMF-B-30000M Datasheet HTML 1Page - Ecliptek Corporation EC1SMF-B-30000M Datasheet HTML 2Page - Ecliptek Corporation EC1SMF-B-30000M Datasheet HTML 3Page - Ecliptek Corporation EC1SMF-B-30000M Datasheet HTML 4Page - Ecliptek Corporation EC1SMF-B-30000M Datasheet HTML 5Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EC2SM Series
• HC-49/UP package
• AT or BT cut available
• Resistance weld seal
• Tight tolerance/stability
• Tape and reel available
CRYSTAL
EC2SM
ELECTRICAL SPECIFICATIONS
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
CRYSTAL
EC2SM
HC-49/UP
CR03
03/06
EQUIVALENT SERIES RESISTANCE (ESR), MODE OF OPERATION (MODE), AND CUT
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
Frequency Range
Frequency Tolerance / Stability
Over Operating Temperature Range
Operating Temperature Range
Aging (at 25°C)
Storage Temperature Range
Shunt Capacitance
Insulation Resistance
Drive Level
Load Capacitance (C
L)
Frequency Range
3.579545MHz to 4.999MHz
5.000MHz to 5.999MHz
6.000MHz to 7.999MHz
8.000MHz to 8.999MHz
9.000MHz to 9.999MHz
10.000MHz to 14.999MHz
ESR (
Ω)
60 Max
50 Max
40 Max
40 Max
150 Max
100 Max
ESR (
Ω)
200 Max
150 Max
120 Max
90 Max
80 Max
70 Max
Mode / Cut
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
Frequency Range
15.000MHz to 15.999MHz
16.000MHz to 23.999MHz
24.000MHz to 30.000MHz
24.000MHz to 40.000MHz
28.6363MHz to 29.999MHz
30.000MHz to 50.000MHz
Mode / Cut
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / BT
Third Overtone / AT
Third Overtone / AT
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
3.579545MHz to 50.000MHz
±50ppm / ±100ppm (Standard), ±30ppm / ±50ppm (AT cut only), ±15ppm / ±30ppm (AT cut only),
±15ppm / ±20ppm (AT cut only), or ±10ppm / ±15ppm (AT cut only)
0°C to 70°C (Standard), -20°C to 70°C (AT cut only), or -40°C to 85°C (AT cut only)
±5ppm / year Maximum
-40°C to 85°C
7pF Maximum
500 Megaohms Minimum at 100V
DC
1 mWatt Maximum
18pF (Standard), Custom C
L
≥10pF, or Series Resonant
H
4.50
L 13.30
W
4.85
OBSOLETE


Similar Part No. - EC1SMF-B-30000M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC1SMA-T-20-30000MTR ECLIPTEK-EC1SMA-T-20-30000MTR Datasheet
139Kb / 2P
   HC-49/UP short package
More results

Similar Description - EC1SMF-B-30000M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
   CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
   CRYSTAL
ECPSM29T ECLIPTEK-ECPSM29T Datasheet
151Kb / 3P
   CRYSTAL
ECCM5B ECLIPTEK-ECCM5B Datasheet
196Kb / 3P
   CRYSTAL
ECAT-20 ECLIPTEK-ECAT-20 Datasheet
109Kb / 3P
   CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
   CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
   CRYSTAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com