Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E11J2F1C-155.520M Datasheet(PDF) 5 Page - Ecliptek Corporation

Part # E11J2F1C-155.520M
Description  OSCILLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E11J2F1C-155.520M Datasheet(HTML) 5 Page - Ecliptek Corporation

  E11J2F1C-155.520M Datasheet HTML 1Page - Ecliptek Corporation E11J2F1C-155.520M Datasheet HTML 2Page - Ecliptek Corporation E11J2F1C-155.520M Datasheet HTML 3Page - Ecliptek Corporation E11J2F1C-155.520M Datasheet HTML 4Page - Ecliptek Corporation E11J2F1C-155.520M Datasheet HTML 5Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Line 1: ECLIPTEK
Line 2: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
E13J2
6-PCB-J
3.3V
OS70
01/03
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MARKING SPECIFICATIONS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
*Compliant to EIA 481A
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
Tolerances = ±0.1
800-ECLIPTEK www.ecliptek.com for latest revision
167
Specifications subject to change without notice.
REEL
M
1.5 MIN
N
50 MIN
O
20.2 MIN
P
13±.2
Q
40 MIN
S
10 MIN
R
2.5 MIN
T
30.4 MAX
U
360 MAX
V
24.4+2-0
QTY/REEL
1000
A
B
C
D
E
F
24 ±.3
11.5 ±.1
10.75 ±.1
4 ±.2
2±.1
F
G
H
J
K
L
12 ±.1
B0*
1.5 +.1-0
A0*
.4 ±.05
K0*
TAPE
E13J2 F 2 C - 155.520M TR
PART NUMBERING GUIDE
AVAILABLE OPTIONS
Blank=Tubes
TR=Tape and Reel (Standard)
FREQUENCY
LOGIC CONTROL/ADDITIONAL OUTPUT
A=No Connect
B=Enable/Disable
C=Complementary Output
D=Complementary Output and Enable/Disable
FREQUENCY TOLERANCE & STABILITY/
OPERATING TEMPERATURE RANGE
C=±100ppm Maximum over 0°C to +70°C
D=±50ppm Maximum over 0°C to +70°C
E=±25ppm Maximum over 0°C to +70°C
F=±20ppm Maximum over 0°C to +70°C
G=±100ppm Maximum over -40°C to +85°C
H=±50ppm Maximum over -40°C to +85°C
DUTY CYCLE
1=50% ±10%, 2=50% ±5%
TOP VIEW
SIDE VIEW
FRONT VIEW
Pin 1: Complementary Output or No Connect
Pin 2: Enable/Disable or No Connect
Pin 3: Case Ground
Pin 4: Output
Pin 5: No Connect
Pin 6: Supply Voltage
Characteristic
Specification
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Mechanical Shock
MIL-STD-202, Method 213, Condition C
Vibration
MIL-STD-883, Method 2007, Condition A
Solderability
MIL-STD-883, Method 2002
Temperature Cycling
MIL-STD-883, Method 1010
Resistance to Soldering Heat
MIL-STD-
202, Method 210
Resistance to Solvents
MIL-STD-
202, Method 215
OBSOLETE


Similar Part No. - E11J2F1C-155.520M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
E11J1 ECLIPTEK-E11J1 Datasheet
237Kb / 5P
   OSCILLATOR
E11J1C1A-155.520M ECLIPTEK-E11J1C1A-155.520M Datasheet
237Kb / 5P
   OSCILLATOR
E11J1C1A-155.520MTR ECLIPTEK-E11J1C1A-155.520MTR Datasheet
237Kb / 5P
   OSCILLATOR
E11J1C1A-155520M ECLIPTEK-E11J1C1A-155520M Datasheet
237Kb / 5P
   OSCILLATOR
E11J1C1A-155520MTR ECLIPTEK-E11J1C1A-155520MTR Datasheet
237Kb / 5P
   OSCILLATOR
More results

Similar Description - E11J2F1C-155.520M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com