Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7554 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7554
Description  V.90 USB WORLD MODEM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7554 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST7554 Datasheet HTML 3Page - STMicroelectronics ST7554 Datasheet HTML 4Page - STMicroelectronics ST7554 Datasheet HTML 5Page - STMicroelectronics ST7554 Datasheet HTML 6Page - STMicroelectronics ST7554 Datasheet HTML 7Page - STMicroelectronics ST7554 Datasheet HTML 8Page - STMicroelectronics ST7554 Datasheet HTML 9Page - STMicroelectronics ST7554 Datasheet HTML 10Page - STMicroelectronics ST7554 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
UNIVERSAL SERIAL BUS INTERFACE
(see Chapter 7 of USB rev 1.0 for complete Electrical Specification)
Nominal DC Characteristics (D+, D-)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDI
Differential Input Sensitivity [(D+) - (D-)]
0.2
V
VCM
Differential Common Mode Range
0.8
2.5
V
VSE
Single Ended Receiver Threshold
0.8
2
V
VOH
VOL
High Level Output Static Voltage (RL of 15k
Ω to GND)
Low Level Output Static Voltage (RL of 1.5k
Ω to 3.6V)
2.8
3.6
0.3
V
V
ILO
Hi-Z State Data Line Leakage Current (0V < VIN < 3.3V)
±10
µA
CIN
Transceiver Capacitance (Pin to GND)
20
pF
RD (2)
Driver Output Resistance (steady state drive)
TBD
TBD
Note 2 :
Excludes external resistor. In order to comply with USB Specifications 1.0, external series resistors of 27
Ω ±1% each on D+ and D-
are recommended
AC Characteristics (D+, D-) (see Figure 5 for test scheme)
Symbol
Parameter
Min.
Typ.
Max.
Unit
tDR
Average bit rate (12 M/s
± 0.05%)
11.97
12.03
Mbps
tR
Rise Time between 10% and 90% (see Figure 6)
4
20
ns
tF
Fall Time 10% and 90% (see Figure 6)
4
20
ns
VCRS
Output Signal Crossover Voltage
1.3
2
V
1
2
15k
W
50pF
15k
W
50pF
Test
1.5k
W
V
REGD
27
W
Test
D+
D-
27
W
Figure 5 : Test Scheme for D+/D-
t
R
t
F
90%
10%
90%
10%
Figure 6 : Rise and Fall Time Measures
ST7554
7/11


Similar Part No. - ST7554

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST755 STMICROELECTRONICS-ST755 Datasheet
80Kb / 9P
   ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
September 1998
logo
Sitronix Technology Co....
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
   65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
   65 x 102 Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST755C STMICROELECTRONICS-ST755C Datasheet
311Kb / 16P
   Adjustable inverting negative output current mode PWM regulators
ST755CD STMICROELECTRONICS-ST755CD Datasheet
80Kb / 9P
   ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
September 1998
More results

Similar Description - ST7554

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
logo
Filtran LTD
7197 FILTRAN-7197 Datasheet
183Kb / 1P
   V.90 Modem transformer
6647 FILTRAN-6647 Datasheet
87Kb / 1P
   V.90 Modem Transformer
7352 FILTRAN-7352 Datasheet
183Kb / 1P
   V.90 Modem Transformer
6648 FILTRAN-6648 Datasheet
109Kb / 1P
   V.90 Modem Transformer
7250 FILTRAN-7250 Datasheet
118Kb / 1P
   V.90 Modem Transformer
logo
Advanced Micro Devices
AM7911 AMD-AM7911 Datasheet
1Mb / 40P
   WORLD-CHIP FSK Modem
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com