Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4KE33CA Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # MP4KE33CA
Description  400W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MP4KE33CA Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  MP4KE33CA Datasheet HTML 1Page - TAITRON Components Incorporated MP4KE33CA Datasheet HTML 2Page - TAITRON Components Incorporated MP4KE33CA Datasheet HTML 3Page - TAITRON Components Incorporated MP4KE33CA Datasheet HTML 4Page - TAITRON Components Incorporated MP4KE33CA Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/AH 2007-12-25
MP4KE6.8A – MP4KE43CA
400W Transient Voltage Suppressor
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
400W Transient Voltage Suppressor
Features
400W peak pulse power capability on 10/1000μs waveform,
repetition rate (duty cycle): 0.01%
Excellent clamping capability
Very fast response time
Low incremental surge resistance
High temperature soldering guaranteed:
260°C/10 seconds, 0.375" (9.5mm) lead length at 5lbs. (2.3kg) tension
RoHS Compliant
Mechanical Data
Case:
Molded plastic over a passivated junction
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Axial leads, solderable per MIL-STD-202,
Method 208
Polarity:
Color band denoted cathode except bipolar
Weight:
0.0064 ounce, 0.181 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
VBR
Breakdown Voltage
6.8 to 43
V
PPPM
Peak Power Dissipation with a 10/1000μs
Waveform
Minimum 400
W
Note (1)
IPPM
Peak Pulse Power Current with a 10/1000 us
Waveform
See Table
A
Note (1) (2)
PM(AV)
Power Dissipation at TL=75° C,
Lead Lengths 0.375’’ (9.5mm)
1.0
W
Note (2)
IFSM
Peak Forward Surge Current, 8.3ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
Method)
40
A
Note (3)
VF
Maximum Instantaneous Forward Voltage at 25A
3.5
V
Note (3)
TJ,TSTG
Operating Junction and Storage Temperature
Range
-55 to 175
° C
R-1


Similar Part No. - MP4KE33CA

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
MP4 EMERSON-NETWORKPOWER-MP4 Datasheet
411Kb / 8P
   Current share on all outputs with ratings of 10 A or greater
logo
GREATECS
MP4 GREATECS-MP4 Datasheet
174Kb / 1P
   Micro Switches 16A 125/250VAC
logo
Mercury United Electron...
MP4 MERCURY-MP4 Datasheet
116Kb / 1P
   Surface Mount Crystals
logo
EUROQUARTZ limited
MP4 EUROQUARTZ-MP4 Datasheet
152Kb / 1P
   12 x 4.5mm Compatible SMD Crystal
logo
List of Unclassifed Man...
MP4-10B ETC2-MP4-10B Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP4KE33CA

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com