Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5267B Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # MMBZ5267B
Description  350mW Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MMBZ5267B Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  MMBZ5267B Datasheet HTML 1Page - TAITRON Components Incorporated MMBZ5267B Datasheet HTML 2Page - TAITRON Components Incorporated MMBZ5267B Datasheet HTML 3Page - TAITRON Components Incorporated MMBZ5267B Datasheet HTML 4Page - TAITRON Components Incorporated MMBZ5267B Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
350mW Surface Mount Zener Diodes
MMBZ5225B-MMBZ5267B
Rev. A/JJ 2007-06-15
www.taitroncomponents.com
Page 3 of 5
Ambient Temperature Ta (°C)
Fig.1 Power Derating Curve
Zener Voltage (V)
Fig.2 Breakdown Characteristic
Normal Zener Voltage
Max. Zener impedance
Max. reverse
leakage current
VZ @ IZT
ZZT @ IZT
Zzk @ Izk
ID @ VR
P/N
Marking
Code
Nom. (V)
Min. (V)
Max. (V)
IZT (mA)
mA
µA
VR (V)
MMBZ5257B
81H
33
31.35
34.65
3.8
58.0
700
0.25
0.1
25.0
MMBZ5258B
81J
36
34.20
37.80
3.4
70.0
700
0.25
0.1
27.0
MMBZ5259B
81K
39
37.05
40.95
3.2
80.0
800
0.25
0.1
30.0
MMBZ5260B
81F
43
40.85
45.15
3.0
93.0
900
0.25
0.1
33.0
MMBZ5261B
81M
47
44.65
49.35
2.7
105.0
1000
0.25
0.1
36.0
MMBZ5262B
81N
51
48.45
53.55
2.5
125.0
1100
0.25
0.1
39.0
MMBZ5263B
81P
56
53.20
58.80
2.2
150.0
1300
0.25
0.1
43.0
MMBZ5264B
81Q
60
57.00
63.00
2.1
170.0
1400
0.25
0.1
46.0
MMBZ5265B
81R
62
58.90
65.10
2.0
185.0
1400
0.25
0.1
47.0
MMBZ5266B
81S
68
64.60
71.40
1.8
230.0
1600
0.25
0.1
52.0
MMBZ5267B
81T
75
71.25
78.75
1.7
270.0
1700
0.25
0.1
56.0
Characteristics Curves


Similar Part No. - MMBZ5267B

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBZ5267B WEITRON-MMBZ5267B Datasheet
268Kb / 5P
   Surface Mount Zener Diodes
MMBZ5267B WEITRON-MMBZ5267B Datasheet
295Kb / 3P
   Surface Mount Zener Diode
logo
Yea Shin Technology Co....
MMBZ5267B YEASHIN-MMBZ5267B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Formosa MS
MMBZ5267B FORMOSA-MMBZ5267B Datasheet
555Kb / 8P
   Zener Diode
logo
ON Semiconductor
MMBZ5267BL ONSEMI-MMBZ5267BL Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
More results

Similar Description - MMBZ5267B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZT52B SECOS-BZT52B Datasheet
299Kb / 3P
   350mW, SOD-123 Series Surface Mount Zener Diodes
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com