Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE13CA Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # P4KE13CA
Description  400W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

P4KE13CA Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  P4KE13CA Datasheet HTML 1Page - TAITRON Components Incorporated P4KE13CA Datasheet HTML 2Page - TAITRON Components Incorporated P4KE13CA Datasheet HTML 3Page - TAITRON Components Incorporated P4KE13CA Datasheet HTML 4Page - TAITRON Components Incorporated P4KE13CA Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. C/AH 2008-02-25
P4KE6.8A~440CA
400W Transient Voltage Suppressor
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
400W Transient Voltage Suppressor
Features
Glass passivated junction
400W Peak Pulse Power capability on 10/1000μs waveform
repetition rate(duty cycle): 0.01%
Fast response time: typically less than 1.0ps from 0v to VBR for
uni-direction and 5.0ns for bi-direction types
Low incremental surge resistance, excellent clamping capability
High temperature soldering guaranteed:
265°C/10 seconds, 0.375" (9.5mm) lead length at 5lbs. (2.3kg tension)
This series is UL recognized under component index. File number E315008
RoHS Compliant
Mechanical Data
Case:
DO-204AL(DO-41) molded plastic
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity:
Cathode indicated by color band except Bi-directional
Weight:
0.012 ounce, 0.3 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
VWM
Stand-Off Voltage
6.8 to 440
V
PPPM
Peak Pulse Power Dissipation on 10/1000μs
Waveform(1)
Minimum 400
W
IPPM
Peak Pulse Current on 10/1000μs Waveform(1)
See Table
A
IFSM
Peak Forward Surge Current 8.3ms Single Half
Sine-wave, Uni-directional only (2)
40
A
3.5
P4KE6.8~P4KE200
VF
Maximum Instantaneous Forward Voltage for Uni-
directional only
6.5
V
P4KE220~P4KE440
TJ,TSTG
Operating Junction and Storage Temperature
Range
-55 to 175
° C
DO-41


Similar Part No. - P4KE13CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KE13CA SECOS-P4KE13CA Datasheet
334Kb / 3P
   400 Peak Power
logo
Pan Jit International I...
P4KE13CA PANJIT-P4KE13CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
RFE international
P4KE13CA RFE-P4KE13CA Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Littelfuse
P4KE13CA LITTELFUSE-P4KE13CA Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
P4KE13CA LUGUANG-P4KE13CA Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE13CA

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com