Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FVXO-HC72 Datasheet(PDF) 2 Page - Fox Electronics

Part # FVXO-HC72
Description  HCMOS 7 x 5mm 2.5V VCXO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-HC72 Datasheet(HTML) 2 Page - Fox Electronics

  FVXO-HC72 Datasheet HTML 1Page - Fox Electronics FVXO-HC72 Datasheet HTML 2Page - Fox Electronics FVXO-HC72 Datasheet HTML 3Page - Fox Electronics FVXO-HC72 Datasheet HTML 4Page - Fox Electronics FVXO-HC72 Datasheet HTML 5Page - Fox Electronics FVXO-HC72 Datasheet HTML 6Page - Fox Electronics FVXO-HC72 Datasheet HTML 7Page - Fox Electronics FVXO-HC72 Datasheet HTML 8Page - Fox Electronics FVXO-HC72 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FVXO-HC72 Series
Page 2 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
This example, FVXO-HC72BR-35.328 = Voltage Controlled, HCMOS Output, Ceramic, 7 x 5mm Package, 2.5V,
±50 PPM Absolute Pull Range, -40 to +85°C Temperature Range, at 35.328 MHz
Absolute Maximum Ratings
(Useful life may be impaired. For user guidelines only, not tested.
Operation is only guaranteed for voltage and temperature specifications in Electrical Characteristics section.)
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Input Voltage
VDD
–0.5V to +5.0V
Operating Temperature
TAMAX
–55°C to +105°C
Storage Temperature
TSTG
–55°C to +125°C
Junction Temperature
150°C
ESD Sensitivity
HBM
Human Body Model
1 kV
Model Selection Guide & Fox Part Number
The 2
nd Field
The Customer’s Frequency
7 9 2 – 3 5 . 3 2 8 – 1 9
The 3
rd Field
Fox Internally Generated Number
(If any specification changes,
the last digits change)
(The same specs for a different customer
also changes the last digits)
STEP #2: The Fox Customer Service team provides a customer specific Part Number
for use on their Bill Of Materials (BOM).
Fox Part Number (The assigned Fox Part Number must be on the BOM – not the above Model Description)
(This will ensure receipt of the proper part)
STEP #1: Customer selects the Model Description and provides to Fox Customer Service
Model Description
H = HCMOS
L = LVDS
P = LVPECL
X = HCMOS (comp 2nd Output)
5 = 5 x 3.2mm
7 = 7 x 5mm
C = Ceramic
Q = Quartz
blank = -20°C to +70°C
R = -40°C to +85°C
3 = 3.3 V
2 = 2.5 V
F V X O – H C 7 2 B R – 3 5 . 3 2 8 Frequency (in MHz)
Resolutions to 6 places
past the decimal point
The 1
st Field
Product Code #
793 = FVXO–HC5
792 = FVXO–HC7
797 = FVXO–LC5
794 = FVXO–LC7
795 = FVXO–PC5
796 = FVXO–PC7
B = ±50ppm Absolute Pull Range


Similar Part No. - FVXO-HC72

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FVXO-HC73B FOX-FVXO-HC73B Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FVXO-HC73BR FOX-FVXO-HC73BR Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
More results

Similar Description - FVXO-HC72

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FXO-HC72 FOX-FXO-HC72 Datasheet
341Kb / 14P
   HCMOS 7 x 5mm 2.5V Oscillator
FVXO-PC72 FOX-FVXO-PC72 Datasheet
340Kb / 15P
   LVPECL 7 x 5mm 2.5V VCXO
FVXO-LC72 FOX-FVXO-LC72 Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
logo
MMD Components
MVIH MMD-MVIH Datasheet
82Kb / 1P
   5mm x 7mm HCMOS VCXO
logo
Fox Electronics
FVXO-HC52 FOX-FVXO-HC52 Datasheet
342Kb / 15P
   HCMOS 5 x 3.2mm 2.5V VCXO
logo
EUROQUARTZ limited
XO91 EUROQUARTZ-XO91 Datasheet
131Kb / 2P
   7 x 5mm SMD HCMOS
EQVP-HC52 EUROQUARTZ-EQVP-HC52 Datasheet
168Kb / 1P
   HCMOS 5x3.2mm 2.5V VCXO
EQVP-HC72 EUROQUARTZ-EQVP-HC72 Datasheet
167Kb / 1P
   HCMOS 7x5mm 2.5V VCXO
logo
Fox Electronics
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
   LVPECL 7 x 5mm 3.3V VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com