Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ4714-F Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # MMSZ4714-F
Description  500mW Two Terminals SMD Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MMSZ4714-F Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  MMSZ4714-F Datasheet HTML 1Page - TAITRON Components Incorporated MMSZ4714-F Datasheet HTML 2Page - TAITRON Components Incorporated MMSZ4714-F Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. A/AH 2007-12-14
MMSZ4685-F – MMSZ4717-F
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 3
500mW Two Terminals
SMD Zener Diodes
500mW Two Terminals SMD Zener Diodes
Features
• Silicon Planar Zener Construction
• 500mW Power Dissipation
• Zener Voltage 3.6v to 43v
• High Temperature Soldering Guaranteed:
250 °C/10 Seconds Set Terminals
• RoHS Compliance
Mechanical Data
Case:
SOD-123F, molded plastic
Epoxy:
Plastic package has UL flammability 94V-0
Terminals:
Solderable per MIL-STD-202G,Method 208
Polarity:
Color band denotes cathode
Approx Weight:
0.01 grams
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
Ptot
Power Dissipation
500
mW
TL=75 °C (Note 1)
RthJA
Thermal Resistance Junction to Ambient Air
340
°C/W
(Note 1)
TJ
Max. Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
Note: 1. FR-4 or FR-5 board with minimum recommended solder pad layout.
SOD-123F


Similar Part No. - MMSZ4714-F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ4714-V PANJIT-MMSZ4714-V Datasheet
105Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
MMSZ4714-V VISHAY-MMSZ4714-V Datasheet
144Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 16-Jul-08
logo
Pan Jit International I...
MMSZ4714-V PANJIT-MMSZ4714-V Datasheet
77Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
MMSZ4714-V-G VISHAY-MMSZ4714-V-G Datasheet
87Kb / 5P
   Small Signal Zener Diodes
Rev. 1.1, 29-Nov-11
More results

Similar Description - MMSZ4714-F

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MMSZ5225B TAITRON-MMSZ5225B Datasheet
203Kb / 6P
   500mW Two Terminals SMD Zener Diodes
MMSZ4681 TAITRON-MMSZ4681 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
MMSZ5225B-F TAITRON-MMSZ5225B-F Datasheet
161Kb / 4P
   500mW Two Terminals SMD Zener Diodes
BZT52C2V4WS TAITRON-BZT52C2V4WS Datasheet
184Kb / 5P
   200mW Two Terminals SMD Zener Diodes
BZT52C2V4 TAITRON-BZT52C2V4 Datasheet
213Kb / 4P
   410mW Two Terminals SMD Zener Diodes
BZT52C2V4-F TAITRON-BZT52C2V4-F Datasheet
212Kb / 4P
   410mW Two Terminals SMD Zener Diodes
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W_13 Datasheet
420Kb / 7P
   Two Terminals SMD Switching Diodes
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com