Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FVXO-LC73 Datasheet(PDF) 8 Page - Fox Electronics

Part # FVXO-LC73
Description  LVDS 7 x 5mm 3.3V VCXO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-LC73 Datasheet(HTML) 8 Page - Fox Electronics

Back Button FVXO-LC73 Datasheet HTML 4Page - Fox Electronics FVXO-LC73 Datasheet HTML 5Page - Fox Electronics FVXO-LC73 Datasheet HTML 6Page - Fox Electronics FVXO-LC73 Datasheet HTML 7Page - Fox Electronics FVXO-LC73 Datasheet HTML 8Page - Fox Electronics FVXO-LC73 Datasheet HTML 9Page - Fox Electronics FVXO-LC73 Datasheet HTML 10Page - Fox Electronics FVXO-LC73 Datasheet HTML 11Page - Fox Electronics FVXO-LC73 Datasheet HTML 12Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FVXO-LC73 Series
Page 8 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
An additional identification code is contained internally if tracking should ever be necessary
Tape and Reel Dimensions
Labeling
(Reels and smaller packaging are labeled with the below)
Ø1.5mm
4.0mm
8.0mm
7.5mm
16mm
2.15mm
2.0
255.0
17.5
80.0
2.0
Ø13.0
Ø21.0
120°
Ø21.0
Ø13.0
17.5
2.0
178.0
62.0
2.0
2.0
2k Reel Dimensions
1k Reel Dimensions
in mm
in mm
• Fox Part Number: 794-1244.16-1
• Quantity:
2000 pieces
LOT #
24435
If traceability should become necessary
• Description:
FVXO-LC73BR-1244.16
• Date Code
0745
(YYWW 2007 45
th wk)
794-1244.16-1
FVXO-LC73BR-1244.16


Similar Part No. - FVXO-LC73

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-LC72 FOX-FVXO-LC72 Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
FVXO-LC72B FOX-FVXO-LC72B Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
FVXO-LC72BR FOX-FVXO-LC72BR Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
More results

Similar Description - FVXO-LC73

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-LC72 FOX-FVXO-LC72 Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
   LVPECL 7 x 5mm 3.3V VCXO
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
logo
Fox Electronics
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-LC735RGB-125 FOX-FXO-LC735RGB-125 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
FXO-LC735RGB-156 FOX-FXO-LC735RGB-156 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 156.25MHz
FXO-LC735RGB-312 FOX-FXO-LC735RGB-312 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 312.5MHz
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com