Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ4698 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # MMSZ4698
Description  500mW Two Terminals SMD Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MMSZ4698 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  MMSZ4698 Datasheet HTML 1Page - TAITRON Components Incorporated MMSZ4698 Datasheet HTML 2Page - TAITRON Components Incorporated MMSZ4698 Datasheet HTML 3Page - TAITRON Components Incorporated MMSZ4698 Datasheet HTML 4Page - TAITRON Components Incorporated MMSZ4698 Datasheet HTML 5Page - TAITRON Components Incorporated MMSZ4698 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. A/AH 2007-12-14
500mW Two Terminals SMD Zener Diodes
www.taitroncomponents.com
Page 2 of 6
MMSZ4681 – MMSZ4717
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Norminal Zener Voltage @
IZT
Test
Current
VZ(V)
Max. Reverse Leakage Current
IR @ VR
Part NO.
Marking
Code
Nom.
Min.
Max.
IZT(mA)
IR (
μA)
VR(V)
MMSZ4681
CF
2.4
2.28
2.52
0.05
2.00
1.0
MMSZ4682
CH
2.7
2.57
2.84
0.05
1.00
1.0
MMSZ4683
CJ
3.0
2.85
3.15
0.05
0.80
1.0
MMSZ4684
CK
3.3
3.14
3.47
0.05
7.50
1.5
MMSZ4685
CM
3.6
3.42
3.78
0.05
7.50
2.0
MMSZ4686
CN
3.9
3.71
4.10
0.05
5.00
2.0
MMSZ4687
CP
4.3
4.09
4.52
0.05
4.00
2.0
MMSZ4688
CT
4.7
4.47
4.94
0.05
10.0
3.0
MMSZ4689
CU
5.1
4.85
5.36
0.05
10.0
3.0
MMSZ4690
CV
5.6
5.32
5.88
0.05
10.0
4.0
MMSZ4691
CA
6.2
5.89
6.51
0.05
10.0
5.0
MMSZ4692
CX
6.8
6.46
7.14
0.05
10.0
5.1
MMSZ4693
CY
7.5
7.13
7.88
0.05
10.0
5.7
MMSZ4694
CZ
8.2
7.79
8.61
0.05
1.00
6.2
MMSZ4695
DC
8.7
8.27
9.14
0.05
1.00
6.6
MMSZ4696
DD
9.1
8.65
9.56
0.05
1.00
6.9
MMSZ4697
DE
10
9.5
10.5
0.05
1.00
7.6
MMSZ4698
DF
11
10.5
11.6
0.05
0.05
8.4
MMSZ4699
DH
12
11.4
12.6
0.05
0.05
9.1
MMSZ4700
DJ
13
12.4
13.7
0.05
0.05
9.8
MMSZ4701
DK
14
13.3
14.7
0.05
0.05
10.6
MMSZ4702
DM
15
14.3
15.8
0.05
0.05
11.4
MMSZ4703
DN
16
15.2
16.8
0.05
0.05
12.1
MMSZ4704
DP
17
16.2
17.9
0.05
0.05
12.9
MMSZ4705
DT
18
17.1
18.9
0.05
0.05
13.6
MMSZ4706
DU
19
18.1
20.0
0.05
0.05
14.4
MMSZ4707
DV
20
19.0
21.0
0.05
0.01
15.2
MMSZ4708
DA
22
20.9
23.1
0.05
0.01
16.7
MMSZ4709
DZ
24
22.8
25.2
0.05
0.01
18.2
MMSZ4710
DY
25
23.8
26.3
0.05
0.01
19.0
MMSZ4711
EA
27
25.7
28.4
0.05
0.01
20.4
MMSZ4712
EC
28
26.6
29.4
0.05
0.01
21.2


Similar Part No. - MMSZ4698

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4698 GE-MMSZ4698 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Foshan Blue Rocket Elec...
MMSZ4698 FOSHAN-MMSZ4698 Datasheet
757Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
EIC discrete Semiconduc...
MMSZ4698 EIC-MMSZ4698 Datasheet
118Kb / 4P
   ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4698 MCC-MMSZ4698 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
logo
Rectron Semiconductor
MMSZ4698 RECTRON-MMSZ4698 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
More results

Similar Description - MMSZ4698

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MMSZ5225B TAITRON-MMSZ5225B Datasheet
203Kb / 6P
   500mW Two Terminals SMD Zener Diodes
MMSZ5225B-F TAITRON-MMSZ5225B-F Datasheet
161Kb / 4P
   500mW Two Terminals SMD Zener Diodes
MMSZ4685-F TAITRON-MMSZ4685-F Datasheet
111Kb / 3P
   500mW Two Terminals SMD Zener Diodes
BZT52C2V4WS TAITRON-BZT52C2V4WS Datasheet
184Kb / 5P
   200mW Two Terminals SMD Zener Diodes
BZT52C2V4 TAITRON-BZT52C2V4 Datasheet
213Kb / 4P
   410mW Two Terminals SMD Zener Diodes
BZT52C2V4-F TAITRON-BZT52C2V4-F Datasheet
212Kb / 4P
   410mW Two Terminals SMD Zener Diodes
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W_13 Datasheet
420Kb / 7P
   Two Terminals SMD Switching Diodes
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com