Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4KE9.1A Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # MP4KE9.1A
Description  400W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MP4KE9.1A Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  MP4KE9.1A Datasheet HTML 1Page - TAITRON Components Incorporated MP4KE9.1A Datasheet HTML 2Page - TAITRON Components Incorporated MP4KE9.1A Datasheet HTML 3Page - TAITRON Components Incorporated MP4KE9.1A Datasheet HTML 4Page - TAITRON Components Incorporated MP4KE9.1A Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
400W Transient Voltage Suppressor
Rev. A/AH 2007-12-25
MP4KE6.8A – MP4KE43CA
www.taitroncomponents.com
Page 2 of 5
Notes:
(1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2
(2) Mounted on copper pads area of 1.6×1.6" (40×40mm)
(3) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses
per minute maximum
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current (note1)
P/N
Stand-
Off
Voltage
V BR
Max.
Reverse
Leakage
Current
@
V WM
Max.
Clamping
Voltage
@
I PPM
Max.
Peak
Pulse
Current
Uni-Polar
Bi-Polar
V WM
(V)
Min.
Max.
IT
(mA)
ID (
μA)
(note2)
VC (V)
IPPM
(A)
(note1)
Max.
Temperature
coefficient of
V BR
(%/° C)
MP4KE6.8A
MP4KE6.8CA
5.8
6.45
7.14
10
300
10.5
28.6
0.057
MP4KE7.5A
MP4KE7.5CA
6.4
7.13
7.88
10
150
11.3
26.5
0.061
MP4KE8.2A
MP4KE8.2CA
7.02
7.79
8.61
10
50
12.1
24.8
0.065
MP4KE9.1A
MP4KE9.1CA
7.78
8.65
9.55
1.0
10
13.4
22.4
0.068
MP4KE10A
MP4KE10CA
8.55
9.5
10.5
1.0
5.0
14.5
27.6
0.073
MP4KE11A
MP4KE11CA
9.40
10.5
11.6
1.0
2.0
15.6
25.6
0.075
MP4KE12A
MP4KE12CA
10.2
11.4
12.6
1.0
1.0
16.7
24.0
0.078
MP4KE13A
MP4KE13CA
11.1
12.4
13.7
1.0
1.0
18.2
22.0
0.081
MP4KE15A
MP4KE15CA
12.8
14.3
15.8
1.0
1.0
21.2
18.9
0.084
MP4KE16A
MP4KE16CA
13.6
15.2
16.8
1.0
1.0
22.5
17.8
0.086
MP4KE18A
MP4KE18CA
15.3
17.1
18.9
1.0
1.0
25.5
15.9
0.088
MP4KE20A
MP4KE20CA
17.1
19.0
21.0
1.0
1.0
27.7
14.4
0.090
MP4KE22A
MP4KE22CA
18.8
20.9
23.1
1.0
1.0
30.6
13.1
0.092
MP4KE24A
MP4KE24CA
20.5
22.8
25.2
1.0
1.0
33.2
12.0
0.094
MP4KE27A
MP4KE27CA
23.1
25.7
28.4
1.0
1.0
37.5
10.7
0.096
MP4KE30A
MP4KE30CA
25.6
28.5
31.5
1.0
1.0
41.4
9.7
0.097
MP4KE33A
MP4KE33CA
28.2
31.4
34.7
1.0
1.0
45.7
8.8
0.098
MP4KE36A
MP4KE36CA
30.8
34.2
37.8
1.0
1.0
49.9
8.0
0.099
MP4KE39A
MP4KE39CA
33.3
37.1
41.0
1.0
1.0
53.9
7.4
0.100
MP4KE43A
MP4KE43CA
36.8
40.9
45.2
1.0
1.0
59.3
6.7
0.101
Note:
1. V(BR) measured after IT applied for 300μs, IT=square wave pulse or equivalent.
2. Surge current waveform per Fig. 3 and derated per Fig. 2


Similar Part No. - MP4KE9.1A

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
MP4 EMERSON-NETWORKPOWER-MP4 Datasheet
411Kb / 8P
   Current share on all outputs with ratings of 10 A or greater
logo
GREATECS
MP4 GREATECS-MP4 Datasheet
174Kb / 1P
   Micro Switches 16A 125/250VAC
logo
Mercury United Electron...
MP4 MERCURY-MP4 Datasheet
116Kb / 1P
   Surface Mount Crystals
logo
EUROQUARTZ limited
MP4 EUROQUARTZ-MP4 Datasheet
152Kb / 1P
   12 x 4.5mm Compatible SMD Crystal
logo
List of Unclassifed Man...
MP4-10B ETC2-MP4-10B Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP4KE9.1A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com