Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ4688-F Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # MMSZ4688-F
Description  500mW Two Terminals SMD Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MMSZ4688-F Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  MMSZ4688-F Datasheet HTML 1Page - TAITRON Components Incorporated MMSZ4688-F Datasheet HTML 2Page - TAITRON Components Incorporated MMSZ4688-F Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. A/AH 2007-12-14
500mW Two Terminals SMD Zener Diodes
www.taitroncomponents.com
Page 2 of 3
MMSZ4685-F – MMSZ4717-F
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
*Norminal Zener Voltage @ IZT
Test
Current
VZ(V)
Max. Reverse Leakage Current
IR @ VR
Part NO.
Marking
Code
Nom.
Min.
Max.
IZT(mA)
IR (
μA)
VR(V)
MMSZ4685-F
CM
3.6
3.42
3.78
0.05
7.50
2.0
MMSZ4686-F
CN
3.9
3.71
4.10
0.05
5.00
2.0
MMSZ4687-F
CP
4.3
4.09
4.52
0.05
4.00
2.0
MMSZ4688-F
CT
4.7
4.47
4.94
0.05
10.0
3.0
MMSZ4689-F
CU
5.1
4.85
5.36
0.05
10.0
3.0
MMSZ4690-F
CV
5.6
5.32
5.88
0.05
10.0
4.0
MMSZ4691-F
CA
6.2
5.89
6.51
0.05
10.0
5.0
MMSZ4692-F
CX
6.8
6.46
7.14
0.05
10.0
5.1
MMSZ4693-F
CY
7.5
7.13
7.88
0.05
10.0
5.7
MMSZ4694-F
CZ
8.2
7.79
8.61
0.05
1.00
6.2
MMSZ4695-F
DC
8.7
8.27
9.14
0.05
1.00
6.6
MMSZ4696-F
DD
9.1
8.65
9.56
0.05
1.00
6.9
MMSZ4697-F
DE
10
9.5
10.5
0.05
1.00
7.6
MMSZ4698-F
DF
11
10.5
11.6
0.05
0.05
8.4
MMSZ4699-F
DH
12
11.4
12.6
0.05
0.05
9.1
MMSZ4700-F
DJ
13
12.4
13.7
0.05
0.05
9.8
MMSZ4701-F
DK
14
13.3
14.7
0.05
0.05
10.6
MMSZ4702-F
DM
15
14.3
15.8
0.05
0.05
11.4
MMSZ4703-F
DN
16
15.2
16.8
0.05
0.05
12.1
MMSZ4704-F
DP
17
16.2
17.9
0.05
0.05
12.9
MMSZ4705-F
DT
18
17.1
18.9
0.05
0.05
13.6
MMSZ4706-F
DU
19
18.1
20.0
0.05
0.05
14.4
MMSZ4707-F
DV
20
19.0
21.0
0.05
0.01
15.2
MMSZ4708-F
DA
22
20.9
23.1
0.05
0.01
16.7
MMSZ4709-F
DZ
24
22.8
25.2
0.05
0.01
18.2
MMSZ4710-F
DY
25
23.8
26.3
0.05
0.01
19.0
MMSZ4711-F
EA
27
25.7
28.4
0.05
0.01
20.4
MMSZ4712-F
EC
28
26.6
29.4
0.05
0.01
21.2
MMSZ4713-F
ED
30
28.5
31.5
0.05
0.01
22.8
MMSZ4714-F
EE
33
31.4
34.7
0.05
0.01
25.0
MMSZ4715-F
EF
36
34.2
37.8
0.05
0.01
27.3
MMSZ4716-F
EH
39
37.1
41.0
0.05
0.01
29.6
MMSZ4717-F
EJ
43
40.9
45.2
0.05
0.01
32.6
*Measured with device junction in thermal equilibrium


Similar Part No. - MMSZ4688-F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ4688-V PANJIT-MMSZ4688-V Datasheet
105Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
MMSZ4688-V VISHAY-MMSZ4688-V Datasheet
144Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 16-Jul-08
logo
Pan Jit International I...
MMSZ4688-V PANJIT-MMSZ4688-V Datasheet
77Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
MMSZ4688-V-G VISHAY-MMSZ4688-V-G Datasheet
87Kb / 5P
   Small Signal Zener Diodes
Rev. 1.1, 29-Nov-11
logo
Infineon Technologies A...
MMSZ4688-V-GS08 INFINEON-MMSZ4688-V-GS08 Datasheet
2Mb / 23P
   Phase Cut Dimmable Non-isolated Buck Converter for LED Retrofit Bulb with
Revision 1.1, 2012 -08 -03
More results

Similar Description - MMSZ4688-F

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MMSZ5225B TAITRON-MMSZ5225B Datasheet
203Kb / 6P
   500mW Two Terminals SMD Zener Diodes
MMSZ4681 TAITRON-MMSZ4681 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
MMSZ5225B-F TAITRON-MMSZ5225B-F Datasheet
161Kb / 4P
   500mW Two Terminals SMD Zener Diodes
BZT52C2V4WS TAITRON-BZT52C2V4WS Datasheet
184Kb / 5P
   200mW Two Terminals SMD Zener Diodes
BZT52C2V4 TAITRON-BZT52C2V4 Datasheet
213Kb / 4P
   410mW Two Terminals SMD Zener Diodes
BZT52C2V4-F TAITRON-BZT52C2V4-F Datasheet
212Kb / 4P
   410mW Two Terminals SMD Zener Diodes
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W_13 Datasheet
420Kb / 7P
   Two Terminals SMD Switching Diodes
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com