Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ4681 Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # MMSZ4681
Description  500mW Two Terminals SMD Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MMSZ4681 Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  MMSZ4681 Datasheet HTML 1Page - TAITRON Components Incorporated MMSZ4681 Datasheet HTML 2Page - TAITRON Components Incorporated MMSZ4681 Datasheet HTML 3Page - TAITRON Components Incorporated MMSZ4681 Datasheet HTML 4Page - TAITRON Components Incorporated MMSZ4681 Datasheet HTML 5Page - TAITRON Components Incorporated MMSZ4681 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev. A/AH 2007-12-14
500mW Two Terminals SMD Zener Diodes
www.taitroncomponents.com
Page 4 of 6
MMSZ4681 – MMSZ4717
Mounting Pad Layout in inch (mm)
Packing Information:
Carrier Tape Dimensions (in mm)
Note: Symbol A0, B0, K0 are determined by the maximum dimensions of the component size.
The clearance between the component and the cavity must be within
0.05 mm (0.002’’) min. to 0.50 mm (0.02’’) max. for 8 mm tape.
A0
B0
K0
D
P0
P
Product Type
See Note
1.55±0.05
4.0±0.1
4.0±0.1
W
E
T
D1
F
P2
SOD-123
8.0+0.15/-0.3
1.75±0.10
0.20±0.05
1.0±0.1
3.5±0.05
2.0±0.05


Similar Part No. - MMSZ4681

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4681 GE-MMSZ4681 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4681 MCC-MMSZ4681 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
logo
EIC discrete Semiconduc...
MMSZ4681 EIC-MMSZ4681 Datasheet
118Kb / 4P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
MMSZ4681 SUNMATE-MMSZ4681 Datasheet
456Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Rectron Semiconductor
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
More results

Similar Description - MMSZ4681

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MMSZ5225B TAITRON-MMSZ5225B Datasheet
203Kb / 6P
   500mW Two Terminals SMD Zener Diodes
MMSZ5225B-F TAITRON-MMSZ5225B-F Datasheet
161Kb / 4P
   500mW Two Terminals SMD Zener Diodes
MMSZ4685-F TAITRON-MMSZ4685-F Datasheet
111Kb / 3P
   500mW Two Terminals SMD Zener Diodes
BZT52C2V4WS TAITRON-BZT52C2V4WS Datasheet
184Kb / 5P
   200mW Two Terminals SMD Zener Diodes
BZT52C2V4 TAITRON-BZT52C2V4 Datasheet
213Kb / 4P
   410mW Two Terminals SMD Zener Diodes
BZT52C2V4-F TAITRON-BZT52C2V4-F Datasheet
212Kb / 4P
   410mW Two Terminals SMD Zener Diodes
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W_13 Datasheet
420Kb / 7P
   Two Terminals SMD Switching Diodes
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com