Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2222A Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # MMBT2222A
Description  SMD General Purpose Transistor (NPN)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MMBT2222A Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  MMBT2222A Datasheet HTML 1Page - TAITRON Components Incorporated MMBT2222A Datasheet HTML 2Page - TAITRON Components Incorporated MMBT2222A Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. A/AH 2007-11-13
MMBT2222A
SMD General Purpose Transistor (NPN)
www.taitroncomponents.com
Page 2 of 3
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
Min.
Max.
Unit
Conditions
35
-
VCE=10V, IC=0.1mA
50
-
VCE=10V, IC=1mA
75
-
VCE=10V, IC=10mA
35
-
VCE=10V, IC=10mA
Ta=-55° C
100
300
VCE=10V, IC=150mA
*
40
-
VCE=10V, IC=500mA
*
hFE
D.C. Current Gain
50
-
VCE=1.0V, IC=150mA
*
V(BR)CBO
Collector-Base Breakdown Voltage
75
-
V
IC=10µA, IE=0
V(BR)CEO
Collector-Emitter Breakdown Voltage
*
40
-
V
IC=10mA, IB=0
V(BR)EBO
Emitter-Base Breakdown Voltage
6.0
-
V
IE=10µA, IC=0
-
0.3
IC=150mA, IB=15mA
VCEsat
Collector-Emitter Saturation Voltage
*
-
1.0
V
IC=500mA, IB=50mA
0.6
1.2
IC=150mA, IB=15mA
VBEsat
Base-Emitter Saturation Voltage
*
-
2.0
V
IC=500mA, IB=50mA
ICEX
Collector Cut-off Current
-
10
nA
VEB=3V, VCE=60V
10
nA
VCB=60V, IE=0
ICBO
Collector Cut-off Current
-
10
µA
VCB=60V, IE=0,
Ta=125° C
IBL
Base Cut-off Current
-
20
nA
VEB=3V, VCE=60V
IEBO
Emitter Cut-off Current
-
10
nA
VEB=3V, IC=0
fT
Current Gain-Bandwidth Product
300
-
MHz
VCE=20V, IC=20mA,
f=100MHz
Cobo
Output Capacitance
-
8.0
pF
VCB=10V, f=1.0MHz,
IE=0
Cibo
Input Capacitance
-
25
pF
VEB=0.5V, f=1.0MHz,
IC=0
NF
Noise Figure
-
4.0
dB
VCE=10V, IC=100µA,
Rs=1kΩ, f=1kHz
rb’Cc
Collector Base Time Constant
-
150
ps
VCB=20V, IC=20mA,
f=31.8 MHz
td
Delay Time
-
10
tr
Rise Time
-
25
IB1=15mA
IC=150mA
VCC=30V
VEB=0.5V
ts
Storage Time
-
225
tf
Fall Time
-
60
ns
IB1=IB2=15mA
IC=150mA
VCC=30V
*Pulse Test Pulse Width ≤ 300µs, Duty Cycle ≤2.0%


Similar Part No. - MMBT2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT2222A PHILIPS-MMBT2222A Datasheet
47Kb / 8P
   NPN switching transistor
2000 Apr 11
logo
SHIKUES Electronics
MMBT2222A SKTECHNOLGY-MMBT2222A Datasheet
677Kb / 3P
   TRANSISTOR (NPN)
logo
Infineon Technologies A...
MMBT2222A INFINEON-MMBT2222A Datasheet
538Kb / 8P
   Low collector-emitter saturation voltage
2011-08-19
logo
Weitron Technology
MMBT2222A WEITRON-MMBT2222A Datasheet
367Kb / 6P
   NPN General Purpose Transistors
logo
Bruckewell Technology L...
MMBT2222A BWTECH-MMBT2222A Datasheet
423Kb / 5P
   NPN General Purpose Amplifier
More results

Similar Description - MMBT2222A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MMBTA05 TAITRON-MMBTA05 Datasheet
203Kb / 3P
   SMD General Purpose Transistor (NPN)
BC846A TAITRON-BC846A Datasheet
164Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT3904 TAITRON-MMBT3904 Datasheet
205Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT4401 TAITRON-MMBT4401 Datasheet
225Kb / 3P
   SMD General Purpose Transistor (NPN)
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com