Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFPS3S Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # MFPS3S
Description  1.0A Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MFPS3S Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  MFPS3S Datasheet HTML 1Page - TAITRON Components Incorporated MFPS3S Datasheet HTML 2Page - TAITRON Components Incorporated MFPS3S Datasheet HTML 3Page - TAITRON Components Incorporated MFPS3S Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. B/WW
www.taitroncomponents.com
Page 2 of 4
MFPS2S – MFPS10S
1.0A Surface Mount Schottky Rectifier
Fig.2- Typical Forward Characteristics
Forward Voltage, (V)
Fig.3- Maximum Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Typical Characteristics Curves
Fig.1- Forward Current Derating Curve
Ambient Temperature (°C)
Fig.4- Typical Reverse Characteristics
Percentage Rated Peak Reverse Voltage


Similar Part No. - MFPS3S

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MFPS210S TAITRON-MFPS210S Datasheet
153Kb / 4P
   2.0A Surface Mount Schottky Rectifier
MFPS22S TAITRON-MFPS22S Datasheet
153Kb / 4P
   2.0A Surface Mount Schottky Rectifier
MFPS23S TAITRON-MFPS23S Datasheet
153Kb / 4P
   2.0A Surface Mount Schottky Rectifier
MFPS24S TAITRON-MFPS24S Datasheet
153Kb / 4P
   2.0A Surface Mount Schottky Rectifier
MFPS25S TAITRON-MFPS25S Datasheet
153Kb / 4P
   2.0A Surface Mount Schottky Rectifier
More results

Similar Description - MFPS3S

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SS12 TAITRON-SS12 Datasheet
175Kb / 3P
   1.0A Surface Mount Schottky Rectifier
TSMF14 TAITRON-TSMF14 Datasheet
136Kb / 4P
   1.0A Surface Mount Schottky Rectifier
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com