Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB502 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # MB502
Description  50A Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MB502 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  MB502 Datasheet HTML 1Page - TAITRON Components Incorporated MB502 Datasheet HTML 2Page - TAITRON Components Incorporated MB502 Datasheet HTML 3Page - TAITRON Components Incorporated MB502 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
50A Single-Phase Bridge Rectifier
Rev. A/DX 2007-06-09
MB5005 – MB5010
www.taitroncomponents.com
Page 2 of 4
Fig.1- Forward Current Derating Curve
T
Abi
T
(°C)
Fig.2-Max. Non-repetitive Peak
Forward Surge Current Per Leg
Number of Cycle at 60Hz
Symbol
Description
MB5005
MB501
MB502
MB504
MB506
MB508
MB5010
Unit
Conditions
VFM
Forward Voltage per leg
1.2
V
IO=25A
10
µA
TC = 25°C
IRM
Max. Reverse DC
Current At Rated DC
Blocking Voltage per leg
1000
µA
TC = 125°C
I²t
Rating for Fusing
(t<8.3ms)
664
A²s
CJ
Typical junction
capacitance per leg
300
pF
f=1MHz
,
VR= 4V
RthJC
Typical Thermal
Resistance per leg
1.6
°C / W Note
VISO
RMS Isolation Voltage
from Case to Leads
2500
V
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-65 to +150
° C
Note: Thermal Resistance junction to case, mounted on heatsink.
Typical Characteristics Curves


Similar Part No. - MB502

ManufacturerPart #DatasheetDescription
logo
Dc Components
MB502 DCCOM-MB502 Datasheet
469Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB502 MCC-MB502 Datasheet
78Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
SHENZHEN YONGERJIA INDU...
MB502 WINNERJOIN-MB502 Datasheet
122Kb / 1P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
MB502 NJSEMI-MB502 Datasheet
105Kb / 2P
   High Currant Bridge Rectifier
logo
Goodwork Semiconductor ...
MB502 GWSEMI-MB502 Datasheet
73Kb / 2P
   SINGLE PHASE 50 AMP BRIDGE RECTIFIERS
More results

Similar Description - MB502

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MP50S NELLSEMI-MP50S Datasheet
268Kb / 3P
   Single-Phase Bridge Rectifier, 50A
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G_10 Datasheet
101Kb / 3P
   50A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
KBJ50 NELLSEMI-KBJ50 Datasheet
1Mb / 3P
   Single-Phase Bridge Rectifier, 50A
KBPC50 NELLSEMI-KBPC50 Datasheet
313Kb / 3P
   Single-Phase Bridge Rectifier, 50A
logo
Won-Top Electronics
KBPC50S WTE-KBPC50S Datasheet
66Kb / 4P
   50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
GBPC50 NAINA-GBPC50 Datasheet
209Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Nell Semiconductor Co.,...
GBPC50M NELLSEMI-GBPC50M Datasheet
386Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Won-Top Electronics
KBPC50 WTE-KBPC50 Datasheet
54Kb / 4P
   50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBPC50 NELLSEMI-GBPC50 Datasheet
157Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Won-Top Electronics
KBPC50P WTE-KBPC50P Datasheet
55Kb / 4P
   50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com