Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC2010ARTTS-24000M Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EC2010ARTTS-24000M
Description  OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC2010ARTTS-24000M Datasheet(HTML) 2 Page - Ecliptek Corporation

  EC2010ARTTS-24000M Datasheet HTML 1Page - Ecliptek Corporation EC2010ARTTS-24000M Datasheet HTML 2Page - Ecliptek Corporation EC2010ARTTS-24000M Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EC20
14 pin DIP
3.3V
OS61
08/06
EC20 Series
• RoHS Compliant (Pb-free)
• HCMOS output
• 3.3V supply voltage
• 14 pin DIP package
• Stability to ±5ppm
• Custom lead length,
gull wing options available
ELECTRICAL SPECIFICATIONS
EC20
OSCILLATOR
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
1.000MHz to 20.000MHz
20.001MHz to 50.000MHz
vs. Operating Temperature Range
vs. Input Voltage ( V
DD ±5%)
vs. Load (±2pF)
w/HCMOS Load
w/HCMOS Load
10% to 90% of Waveform < 20.000MHz
10% to 90% of Waveform > 20.000MHz
at 50% of Waveform
V
IH: No Connection
V
IH:
≥2.2V
DC
V
IL:
≤0.8V
DC
Frequency Range (MHz)
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Frequency Tolerance / Stability
Internal Trim (Top of Can)
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Tri-State Input Voltage
Aging (at 25°C)
Start Up Time
Period Jitter: Absolute
Period Jitter: One Sigma
1.000MHz to 50.000MHz
Per Table 1
-55°C to 125°C
3.3V
DC ±10%
10mA Maximum
20mA Maximum
Per Table 1
±2.0ppm Maximum
±1.0ppm Maximum
±5ppm Minimum
2.7V
DC Minimum
I
OH = -8mA
0.5V
DC Maximum
I
OL = +8mA
10 nSeconds Maximum
6 nSeconds Maximum
50 ±10(%) (Standard) or 50 ±5(%) (Optional)
15pF HCMOS Load
Enables Output
Enables Output
Disables Output: High Impedance
±1ppm / year Maximum
10 mSeconds Maximum
±100pSeconds Maximum
±25pSeconds Maximum
H
8.0
L 20.8
W 13.2
OBSOLETE


Similar Part No. - EC2010ARTTS-24000M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC20 ETC2-EC20 Datasheet
107Kb / 2P
   Conduit Accessories
logo
Quectel Wireless Soluti...
EC20 QUECTEL-EC20 Datasheet
678Kb / 2P
   IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20 Datasheet
672Kb / 2P
   IoT/M2M-optimized LTE Cat 4 Module
logo
Vishay Siliconix
EC200-104 VISHAY-EC200-104 Datasheet
179Kb / 2P
   High Voltage DC Filter Capacitors
Revision: 11-Aug-10
EC200-254 VISHAY-EC200-254 Datasheet
179Kb / 2P
   High Voltage DC Filter Capacitors
Revision: 11-Aug-10
More results

Similar Description - EC2010ARTTS-24000M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com