Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5WSDC12-32768K Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # E5WSDC12-32768K
Description  CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E5WSDC12-32768K Datasheet(HTML) 2 Page - Ecliptek Corporation

  E5WSDC12-32768K Datasheet HTML 1Page - Ecliptek Corporation E5WSDC12-32768K Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MARKING SPECIFICATIONS
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
CRYSTAL
E5WS
PLASTIC
CR53
02/06
PART NUMBERING GUIDE
E5WSDC 12 - 32.768K TR
LOAD CAPACITANCE
07=7pF
12=12.5pF
Line 1: C Y XXXXX
Lot Identifier (5 Characters MAX)
Load Capacitance
B = 7pF
F = 12.5pF
Frequency Code
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
PARABOLIC TEMPERATURE CURVE
PACKAGE OPTIONS
Blank=Bulk, TR=Tape and Reel
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
M
N
O
P
Q
1.5 MIN
50 MIN
20.2 MIN
13±.5
40 MIN
R
S
T
U
V
QTY/REEL
2.5 MIN
10 MIN
22.4 MAX
360 MAX
16.4+2-0
3,000
REEL
A
B
C
D
E
16±.3
7.5±.1
6.75±.1
4 ±.2
2±.1
F
G
H
J
K
L
8±.2
A0*
1.5 ±.1
B0*
.5 ±.05
K0*
TAPE
SUGGESTED SOLDER PAD LAYOUTS
ALL DIMENSIONS IN MILLIMETERS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
*Compliant to EIA481A


Similar Description - E5WSDC12-32768K

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
   CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
   CRYSTAL
ECPSM29T ECLIPTEK-ECPSM29T Datasheet
151Kb / 3P
   CRYSTAL
ECCM5B ECLIPTEK-ECCM5B Datasheet
196Kb / 3P
   CRYSTAL
ECAT-20 ECLIPTEK-ECAT-20 Datasheet
109Kb / 3P
   CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
   CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
   CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com