Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCM5A Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # ECCM5A
Description  CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ECCM5A Datasheet(HTML) 2 Page - Ecliptek Corporation

  ECCM5A Datasheet HTML 1Page - Ecliptek Corporation ECCM5A Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
PARAMETER
SPECIFICATION
ESD Susceptibility
MIL-STD-883, Method 3015, Class 1, HBM: 1500V
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Flammability
UL94-V0
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Moisture Resistance
MIL-STD-883, Method 1004
Moisture Sensitivity
J-STD-020, MSL 1
Resistance to Soldering Heat
MIL-STD-202, Method 210, Condition K
Resistance to Solvents
MIL-STD-202, Method 215
Solderability
MIL-STD-883, Method 2003
Temperature Cycling
MIL-STD-883, Method 1010, Condition B
Vibration
MIL-STD-883, Method 2007, Condition A
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
CRYSTAL
ECCM5A
CERAMIC
CR30
03/08
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
Tolerance = +0.2
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
M
N
O
P
Q
1.5 MIN
50 MIN
20.2 MIN
13±.2
40 MIN
R
S
T
U
V
QTY/REEL
2.5 MIN
10 MIN
22.4 MAX
360 MAX
16.4+2-0
1,000
REEL
A
B
C
D
E
16±.3
7.5±.1
6.75±.2
4 ±.1
2±.05
F
G
H
J
K
L
8±.1
B0*
1.5±.1
A0*
.3 ±.05
K0*
TAPE
*Compliant to EIA-481A
PACKAGING OPTIONS
Blank=Bulk, TR=Tape and Reel
FREQUENCY
PART NUMBERING GUIDE
ECCM5A 5 D C - 20 - 32.000M TR
LOAD CAPACITANCE
Blank=18pF Parallel Resonant (Standard)
S=Series Resonant
XX=10pF Parallel Resonant to 50pF Parallel Resonant
OPERATING TEMPERATURE RANGE
Per Table 1
FREQUENCY STABILITY
D=±20ppm, E=±30ppm, F=±50ppm
FREQUENCY TOLERANCE (AT 25°C)
4=±15ppm, 5=±30ppm, 6=±50ppm
Line 1: E XX.XX
Frequency in MHz
(4 Digits Maximum + Decimal)
Line 2: XXXXX
Ecliptek Manufacturing Identifier
800-ECLIPTEK www.ecliptek.com for latest revision
37
Specifications subject to change without notice.
3.5
±0.2
6.0
±0.2
1.0 ±0.2
1.0 ±0.1 (x4)
1.5 ±0.1
(x4)
1.5 ±0.2
3.0 ±0.2
4
1
3
2
1
4
2
3
Pad 1: Input
Pad 2: Case/Ground
Pad 3: Output
Pad 4: Case/Ground


Similar Part No. - ECCM5A

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECCM5B ECLIPTEK-ECCM5B Datasheet
196Kb / 3P
   CRYSTAL
ECCM5B5DA-20-32.000M ECLIPTEK-ECCM5B5DA-20-32.000M Datasheet
196Kb / 3P
   CRYSTAL
ECCM5B5DA-20-32.000MTR ECLIPTEK-ECCM5B5DA-20-32.000MTR Datasheet
196Kb / 3P
   CRYSTAL
ECCM5B5DA-20-32000M ECLIPTEK-ECCM5B5DA-20-32000M Datasheet
196Kb / 3P
   CRYSTAL
ECCM5B5DA-20-32000MTR ECLIPTEK-ECCM5B5DA-20-32000MTR Datasheet
196Kb / 3P
   CRYSTAL
More results

Similar Description - ECCM5A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
   CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
   CRYSTAL
ECPSM29T ECLIPTEK-ECPSM29T Datasheet
151Kb / 3P
   CRYSTAL
ECCM5B ECLIPTEK-ECCM5B Datasheet
196Kb / 3P
   CRYSTAL
ECAT-20 ECLIPTEK-ECAT-20 Datasheet
109Kb / 3P
   CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
   CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
   CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com