Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP11 Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EP11
Description  OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EP11 Datasheet(HTML) 1 Page - Ecliptek Corporation

  EP11 Datasheet HTML 1Page - Ecliptek Corporation EP11 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EP11
14 pin DIP
5.0V
OS44
12/05
EP11 Series
• RoHS Compliant (Pb-free)
• EPO™ Programmable Oscillators
• 5.0V supply voltage
• HCMOS/TTL output
• 14 pin DIP package
• Stability to 50ppm
• Custom lead length,
gull wing options available
OSCILLATOR
EP11
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
H
5.08
W 20.8
L 13.2
1.000MHz to 125.000MHz
-20°C to 70°C or -40°C to 85°C
-55°C to 125°C
5.0V
DC ±10%
45mA Maximum (Unloaded)
30mA Maximum (Pin 1=Ground)
50µA Maximum (Pin 1=Ground)
±100ppm or ±50ppm Maximum
2.4V
DC Minimum
I
OH=-16mA
V
DD-0.4VDC Minimum
I
OH=-16mA
0.4V
DC Maximum
I
OL=+16mA
4 nSeconds Maximum
50 ±10(%) (Standard)
50 ±5(%) (Optional)
50pF HCMOS Load Maximum
15pF HCMOS Load Maximum
10TTL Load Maximum
5TTL Load Maximum
Tri-State
Power Down
Enables Output
Disables Output: High Impedence
Disables Output: Logic Low
±5ppm / year Maximum
10 mSeconds Maximum
50pSec Maximum, 13pSec Typical
13pSec Maximum, 8pSec Typical
500pSec Maximum, 90pSec Typical
100pSec Maximum, 50pSec Typical
Frequency Range
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Disable Current (TS Option)
Standby Current (PD Option)
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability /
Output Type-HCMOS
Load Drive Capability /
Output Type-TTL
Output Control Function
Output Control Function Input Voltage
Aging (at 25°C)
Start Up Time
RMS Jitter
Peak to Peak Jitter
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year Aging
at 25°C, Shock, and Vibration
w/TTL Load
w/HCMOS Load
w/TTL Load or w/HCMOS Load
0.8V
DC to 2.0 VDC w/TTL Load or 20% to 80% of Waveform
w/HCMOS Load
at 1.4V
DC w/TTL Load; at 50% of waveform w/HCMOS Load
at 1.4V
DC w/TTL Load (<27.000MHz only), or
50% of waveform w/HCMOS Load (<50.000MHz only)
<50.000MHz
>50.000MHz
<40.000MHz
>40.000MHz
T S
PD
V
IH: No Connection or >2.0VDC
V
IL: (TS Option) <0.8VDC
V
IL: (PD Option) <0.8VDC
<12.000MHz
>12.000MHz
<12.000MHz
>12.000MHz


Similar Part No. - EP11

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EP11 POWERINT-EP11 Datasheet
1Mb / 46P
   Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
logo
Power-One
EP1101-7R POWER-ONE-EP1101-7R Datasheet
72Kb / 5P
   120...195 Watt DC-DC Converters
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
Eorex Corporation
EP1117 EOREX-EP1117 Datasheet
340Kb / 10P
   1A Low Dropout Linear Regulator
logo
List of Unclassifed Man...
EP1117-18 ETC1-EP1117-18 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
More results

Similar Description - EP11

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com