Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST52T440G3M6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST52T440G3M6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T440G3M6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST52T440G3M6 Datasheet HTML 3Page - STMicroelectronics ST52T440G3M6 Datasheet HTML 4Page - STMicroelectronics ST52T440G3M6 Datasheet HTML 5Page - STMicroelectronics ST52T440G3M6 Datasheet HTML 6Page - STMicroelectronics ST52T440G3M6 Datasheet HTML 7Page - STMicroelectronics ST52T440G3M6 Datasheet HTML 8Page - STMicroelectronics ST52T440G3M6 Datasheet HTML 9Page - STMicroelectronics ST52T440G3M6 Datasheet HTML 10Page - STMicroelectronics ST52T440G3M6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
ST52T400/T440/E440/T441
7/94
1 GENERAL DESCRIPTION
1.1 Introduction
ST52x400/440/441 are 8-bit Intelligent Control
Units (ICU) of the ST Five Family, which are able
to perform both boolean and fuzzy algorithms in
an efficient manner, in order to reach the best per-
formances that the two methodologies allow.
ST52x400/440/441 is produced by STMicroelec-
tronics using the reliable high performance CMOS
process, including integrated-on-chip peripherals
that allow maximization of system reliability,
decreasing
system costs and minimizing the
number of external components.
The flexible I/O configuration of ST52x400/440/
441 allows for an interface with a wide range of
external devices, like D/A converters or power
control devices.
ST52x400/440/441 pins are configurable, allowing
the user to set the input or output signals on each
single pin.
A hardware multiplier (8 bit by 8 bit with 16 bit
result) and divider (16 bit over 8 bit with 8 bit
result and 8 bit remainder) is available to imple-
ment complex functions by using a single instruc-
tion, optimizing program memory utilization and
computational speed.
Fuzzy Logic dedicated structures in ST52x400/
440/441 ICU’s can be exploited to model complex
sys
tems with high accuracy in a useful and easy way.
Fuzzy Expert Systems for overall system manage-
ment and fuzzy Real time Controls can be
designed to increase performances at highly com-
petitive costs.
The linguistic approach characterizing Fuzzy
Logic is based on a set of IF-THEN rules, which
describe the control behavior, as well as on Mem-
bership Functions, which are associated to input
and output variables.
Up to 334 Membership Functions, with triangular
and trapezoidal shapes, or singleton values are
available to describe fuzzy variables.
The TIMER/PWM peripheral allows the manage-
ment of power devices and timing signals, imple-
menting different operating modes and high
frequency PWM (Pulse With Modulation) controls.
Input Capture and Output Compare functions are
available on the TIMER.
The programmable Timer has a 16 bit Internal
Prescaler and an 8 bit Counter. It can use internal
or external START/STOP signals and clock.
An internal programmable WATCHDOG is avail-
able to avoid loop errors and to reset the ICU.
An Analog Comparator with a 6 channel multi-
plexer is available
on
ST52x440/441
family
devices. This analog peripheral allows easy imple-
mentation of a high resolution A/D conversion. By
using only an external capacitor
this peripheral
may be configured in order to achieve up to 12 bit
A/D converter resolution. It includes a 2.5 V band-
gap
reference for
A/D conversion calibration,
which can be used externally for signal condition-
ing.
An on-chip TRIAC driver peripheral allows the
direct management of power devices, implement-
ing two different operating modes: Burst Mode
(i.e. Thermal Applications), Phase Angle Partial-
ization (i.e. Motors Control by Triacs). The TRIAC
Driver also generates a PWM signal.
The ST52x400/440/441 family also includes an
on-chip Power-on-Reset (POR), which provides
an internal chip reset during power up situation
and a Brown-Out Detector (BOD), which resets
the ICU if the voltage source VDD dips below a
minimum value.
In order to optimize energy consumption, two dif-
ferent power saving modes are available: Wait
mode and Halt mode.
Program
Memory
(EPROM/OTP)
addressing
capability addresses up to 8 Kbytes of memory
locations to store both program instructions and
permanent data.
EPROM can be locked by the user to prevent
external undesired operations.
Operations may be performed on data stored in
RAM, allowing the direct combination of new input
and feedback data. All bytes of RAM are used like
Register File.
OTP (One Time Programmable) version devices
are fully compatible with the EPROM windowed
version, which may be used for prototyping and
pre-production phases of development.
A powerful development environment consisting
of a board and software tools allows an easy con-
figuration and use of ST52x400/440/441.
The VISUAL FIVETM software tool allows devel-
opment of projects through a user-friendly graphi-
cal interface and optimization of generated code.


Similar Part No. - ST52T440G3M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST52T410 STMICROELECTRONICS-ST52T410 Datasheet
906Kb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
ST52T410 STMICROELECTRONICS-ST52T410 Datasheet
1Mb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
Rev. 1.7 - January 2003
ST52T410G0B6 STMICROELECTRONICS-ST52T410G0B6 Datasheet
906Kb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
ST52T410G0B6 STMICROELECTRONICS-ST52T410G0B6 Datasheet
1Mb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
Rev. 1.7 - January 2003
ST52T410G0D6 STMICROELECTRONICS-ST52T410G0D6 Datasheet
906Kb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
More results

Similar Description - ST52T440G3M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST52T410 STMICROELECTRONICS-ST52T410 Datasheet
906Kb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
ST52X420 STMICROELECTRONICS-ST52X420 Datasheet
1Mb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
Rev. 1.7 - January 2003
ST52T430 STMICROELECTRONICS-ST52T430 Datasheet
1Mb / 88P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
ST52F510 STMICROELECTRONICS-ST52F510 Datasheet
1Mb / 106P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
ST52T301 STMICROELECTRONICS-ST52T301 Datasheet
497Kb / 100P
   8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
logo
Silicon Laboratories
AN110 SILABS-AN110 Datasheet
238Kb / 12P
   16-BIT PWM USING AN ON-CHIP TIMER
logo
Freescale Semiconductor...
AN2701 FREESCALE-AN2701 Datasheet
216Kb / 14P
   PWM Generation with the HC08 Timer
logo
STMicroelectronics
AN590 STMICROELECTRONICS-AN590 Datasheet
122Kb / 7P
   PWM GENERATION WITH ST62 AUTO-RELOAD TIMER
AN913 STMICROELECTRONICS-AN913 Datasheet
121Kb / 12P
   PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
logo
Omron Electronics LLC
H3AM OMRON-H3AM Datasheet
192Kb / 8P
   Mechatronic Analog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com