Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V53C318165A Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V53C318165A
Description  3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C318165A Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V53C318165A Datasheet HTML 1Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 2Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 3Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 4Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 5Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 6Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 7Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 8Page - Mosel Vitelic, Corp V53C318165A Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
V53C318165A Rev. 1.0 January 1998
MOSEL VITELIC
V53C318165A
AC Characteristics
T
A = 0°C to 70°C, VCC = 3.3 V ±0.3 V, VSS = 0V, tT = 2ns unless otherwise noted
#
JEDEC
Symbol Symbol
Parameter
50
60
70
Unit
Notes
Min. Max. Min. Max. Min. Max.
1
tRL1RH1
tRAS
RAS Pulse Width
50
10K
60
10K
70
10K
ns
2
tRL2RL2
tRC
Read or Write Cycle Time
84
104
124
ns
3
tRH2RL2
tRP
RAS Precharge Time
30
40
50
ns
4
tRL1CH1
tCSH
CAS Hold Time
40
50
60
ns
5
tCL1CH1
tCAS
CAS Pulse Width
8
10K
10
10K
12
10K
ns
6
tRL1CL1
tRCD
RAS to CAS Delay
12
37
14
45
14
53
ns
7
tWH2CL2
tRCS
Read Command Setup Time
0
0
0
ns
8
tAVRL2
tASR
Row Address Setup Time
0
0
0
ns
9
tRL1AX
tRAH
Row Address Hold Time
8
10
10
ns
10
tAVCL2
tASC
Column Address Setup Time
0
0
0
ns
11
tCL1AX
tCAH
Column Address Hold Time
8
10
12
ns
12
tCL1RH1(R) tRSH
RAS Hold Time
13
15
17
ns
13
tCH2RL2
tCRP
CAS to RAS Precharge Time
5
5
5
ns
14
tCH2WX
tRCH
Read Command Hold Time
Referenced to CAS
0
0
0
ns
9
15
tRH2WX
tRRH
Read Command Hold Time
Referenced to RAS
0
0
0
ns
9
16
tCL1
tCOH
Output Hold after CAS LOW
5
5
5
ns
17
tGL1QV
tOAC
Access Time from OE
13
15
17
ns
18
tCL1QV
tCAC
Access Time from CAS
13
15
17
ns
7, 12
19
tRL1QV
tRAC
Access Time from RAS
50
60
70
ns
7, 12
20
tAVQV
tCAA
Access Time from Column Address
25
30
35
ns
7, 13
21
tCL1QX
tCLZ
CAS to Low-Z Output
0
0
0
ns
7
22
tCH2QX
tOFF
Output Buffer Turnoff Delay
0
13
0
15
0
17
ns
23
tCL1QZ
tDZC
Data to CAS Low Delay
0
0
0
ns
15
24
tRL1AV
tRAD
RAS to Column Address Delay Time
10
25
12
30
12
35
ns
25
tGL2QZ
tOEZ
Output Buffer Turnoff Delay from OE
0
13
0
15
0
17
ns
8
26
tWL1CH1
tCWL
Write Command to CAS Lead Time
13
15
17
ns
27
tWL1CL2
tWCS
Write Command Setup Time
0
0
0
ns
11
28
tCL1WH1
tWCH
Write Command Hold Time
8
10
10
ns
29
tWL1WH1
tWP
Write Pulse Width
8
10
10
ns
30
tGL1QZ
tDEO
Data to OE Delay
0
0
0
ns
15
31
tWL1RH1
tRWL
Write Command to RAS Lead Time
13
15
17
ns
32
tDVWL2
tDS
Data in Setup Time
0
0
0
ns
10


Similar Part No. - V53C318165A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C316405A MOSEL-V53C316405A Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C316405A50 MOSEL-V53C316405A50 Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C316405A60 MOSEL-V53C316405A60 Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A50 MOSEL-V53C317405A50 Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C318165A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C316405A MOSEL-V53C316405A Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com