Part Name
         Description
V53C318165A

 3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM ( 18 Page)


MOSEL
100% 
Zoom Out Zoom In
 
 3 page
background image
3
V53C318165A Rev. 1.0 January 1998
MOSEL VITELIC
V53C318165A
Block Diagram
A 0
A 1
A8
A9
SENSE AMPLIFIERS
REFRESH
COUNTER
VCC
VSS
12
I/O 1
MEMORY
ARRAY
1024 x 1024 x 16
COLUMN DECODERS
DATA I/O BUS
Y0–Y9
1024 x 16
311816500-04
1024
X0– X9
I/O
BUFFER
I/O2
I/O3
I/O4
OE CLOCK
GENERATOR
WE CLOCK
GENERATOR
CAS CLOCK
GENERATOR
RAS CLOCK
GENERATOR
OE
WE
LCAS
RAS
I/O 5
I/O6
I/O7
I/O8
I/O 9
I/O10
I/O11
I/O12
I/O 13
I/O14
I/O15
I/O16
UCAS
1024 x 16
Absolute Maximum Ratings*
Operating temperature range ..................0 to 70
°C
Storage temperature range ............... -55 to 150
°C
Soldering temperature ..................................260
°C
Soldering time...................................................10 s
Input/output voltage .... -0.5 to min (VCC+0.5, 4.6) V
Power supply voltage ........................-0.5V to 4.6 V
Power dissipation .......................................... 0.5 W
Data out current (short circuit) ...................... 50 mA
*Note: Operation above Absolute Maximum Ratings can
adversely affect device reliability.
Capacitance*
TA = 25°C, VCC = 3.3 V ± 0.3 V, VSS = 0 V, f = 1 MHz
*Note: Capacitance is sampled and not 100% tested.
Symbol
Parameter
Min.
Max.
Unit
CIN1
Address Input
5
pF
CIN2
RAS, UCAS, LCAS,
WE, OE
7
pF
COUT
Data Input/Output
7
pF



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
V53C16258LHIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C316405A3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C832LHIGH PERFORMANCE 3.3 VOLT 256K X 32 EDO PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp
A42U26044M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE 1 2 3 4 5 MoreAMIC Technology
V53C8128HULTRA-HIGH PERFORMANCE 128K X 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C818HHIGH PERFORMANCE 512K X 16 EDO PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C16258HHIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C8258HHIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C16258SHHIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C317405A4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl