Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR04AM Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # CR04AM
Description  LOW POWER USE GLASS PASSIVATION TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CR04AM Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  CR04AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CR04AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CR04AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CR04AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CR04AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CR04AM Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈THYRISTOR〉
CR04AM
LOW POWER USE
GLASS PASSIVATION TYPE
160
120
60
40
20
140
100
80
0
160
–40
0
40
80
120 140
–20
20
60
100
RGK = 1k
TYPICAL EXAMPLE
0.8
0.6
0.3
0.2
0.1
0.7
0.5
0.4
0
0.8
0
0.2
0.4
0.6 0.7
0.1
0.3
0.5
θ = 30°
60° 120°
90°
180°
θ θ
360°
RESISTIVE LOADS
160
120
60
40
20
140
100
80
0
0.8
0
0.2
0.4
0.6 0.7
0.1
0.3
0.5
θ = 30°
120°
180°
DC
270°
60°
90°
θ
360°
RESISTIVE,
INDUCTIVE
LOADS
NATURAL
CONVECTION
0.8
0.6
0.3
0.2
0.1
0.7
0.5
0.4
0
0.8
0
0.2
0.4
0.6 0.7
0.1
0.3
0.5
θ = 30° 60° 120°
90°
180°
270°
DC
θ
360°
RESISTIVE,
INDUCTIVE
LOADS
160
120
60
40
20
140
100
80
0
0.8
0
0.2
0.4
0.6 0.7
0.1
0.3
0.5
θ = 30° 60°
120°
90°
180°
θ θ
360°
RESISTIVE LOADS
NATURAL
CONVECTION
23
10–1
57 100 23 5 7 101 23 5 7 102
0
80
100
120
40
60
20
TYPICAL EXAMPLE
Tj = 125°C
MAXIMUM AVERAGE POWER DISSIPATION
(SINGLE-PHASE FULL WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE FULL WAVE)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM AVERAGE POWER DISSIPATION
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
BREAKOVER VOLTAGE VS.
GATE TO CATHODE RESISTANCE
GATE TO CATHODE RESISTANCE (k
Ω)
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)


Similar Part No. - CR04AM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CR04AM POWEREX-CR04AM Datasheet
90Kb / 6P
   Lead-Mount, Phase Control SCR 0.4 Amperes/400-600 Volts
logo
Renesas Technology Corp
CR04AM-12 RENESAS-CR04AM-12 Datasheet
106Kb / 8P
   Thyristor Low Power Use
CR04AM-12-A6 RENESAS-CR04AM-12-A6 Datasheet
106Kb / 8P
   Thyristor Low Power Use
CR04AM-12-TB RENESAS-CR04AM-12-TB Datasheet
106Kb / 8P
   Thyristor Low Power Use
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
   Thyristor Low Power Use
More results

Similar Description - CR04AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR1AM-12 MITSUBISHI-BCR1AM-12 Datasheet
106Kb / 5P
   LOW POWER USE GLASS PASSIVATION TYPE
CR02AM-8A MITSUBISHI-CR02AM-8A Datasheet
67Kb / 5P
   LOW POWER USE GLASS PASSIVATION TYPE
CR3PM MITSUBISHI-CR3PM Datasheet
70Kb / 5P
   LOW POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
logo
ARTSCHIP ELECTRONICS CO...
CR03AM ARTSCHIP-CR03AM Datasheet
69Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR03AM MITSUBISHI-CR03AM Datasheet
67Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR3EM MITSUBISHI-CR3EM Datasheet
65Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR08AS MITSUBISHI-CR08AS Datasheet
76Kb / 6P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR2AM MITSUBISHI-CR2AM Datasheet
72Kb / 6P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR3JM MITSUBISHI-CR3JM Datasheet
67Kb / 4P
   LOW POWER, STROBE USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR3AMZ MITSUBISHI-CR3AMZ Datasheet
65Kb / 4P
   LOW POWER, STROBE USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com