Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3510G Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # MB3510G
Description  35A Single-Phase Glass Passived Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MB3510G Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  MB3510G Datasheet HTML 1Page - TAITRON Components Incorporated MB3510G Datasheet HTML 2Page - TAITRON Components Incorporated MB3510G Datasheet HTML 3Page - TAITRON Components Incorporated MB3510G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-09
MB3505G – MB3510G
35A Single-Phase Glass
Passivated Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
35A Single-Phase Glass Passived Bridge Rectifier
Features
• Glass passivated chip junction
• Low Reverse Leakage Current
• Low Power Loss, High Efficiency
• Electrically Isolated Metal Case for
Max. Heat Dissipation
• Case to Terminal Isolation Voltage 2500V
• This series is UL recognized under component index,
File number E194718
• RoHS Compliant
Mechanical Data
Case:
KBPC (MB35) Metal case with faston lugs
Terminals:
Plated faston lugs
Polarity:
As marked on case
Mounting:
Through hole with #10 screw
Mounting Torque:
23 cm-kg (20 in-lbs) Max.
Weight:
30 grams
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
Symbol
Description
MB35
05G
MB35
1G
MB35
2G
MB35
4G
MB35
6G
MB35
8G
MB35
10G
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC blocking voltage
50
100
200
400
600
800
1000
V
IO
Average Rectified
Output Current
35
A
TA=60
˚C
IFSM
Non-Repetitive Peak
Forward Surge Current
300
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
MB35
(Metal Case)


Similar Part No. - MB3510G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB3510GW ETC2-MB3510GW Datasheet
145Kb / 4P
   35A Single-Phase Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
MB3510GW TAITRON-MB3510GW Datasheet
145Kb / 4P
   35A Single-Phase Glass Passivated Bridge Rectifier
More results

Similar Description - MB3510G

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MB2505G TAITRON-MB2505G Datasheet
144Kb / 4P
   25A Single-Phase Glass Passived Bridge Rectifier
MB1505G TAITRON-MB1505G Datasheet
145Kb / 4P
   15A Single-Phase Glass Passived Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBPC35M NELLSEMI-GBPC35M Datasheet
391Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Zibo Seno Electronic En...
KBPC3500 ZSELEC-KBPC3500 Datasheet
389Kb / 2P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nanjing International G...
GBPC3500 DGNJDZ-GBPC3500 Datasheet
7Mb / 2P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
GBPC35 NAINA-GBPC35 Datasheet
210Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Nell Semiconductor Co.,...
GBJ35H NELLSEMI-GBJ35H Datasheet
244Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Won-Top Electronics
GBJ35A WTE-GBJ35A Datasheet
57Kb / 4P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC35 WTE-GBPC35 Datasheet
60Kb / 4P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
MB3505GW ETC2-MB3505GW Datasheet
145Kb / 4P
   35A Single-Phase Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com