Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH26 Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EH26
Description  OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EH26 Datasheet(HTML) 1 Page - Ecliptek Corporation

  EH26 Datasheet HTML 1Page - Ecliptek Corporation EH26 Datasheet HTML 2Page - Ecliptek Corporation EH26 Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EH26 Series
• RoHS Compliant (Pb-Free)
• Ceramic SMD package
• 3.3V supply voltage
• LVHCMOS output
• Stability to 20ppm
• Available on tape and reel
OSCILLATOR
EH26
NOTES
____________________________________________________________________________________________________________
____________________________________________________________________________________________________________
______________________________________________________________
______________________________________________________________
______________________________________________________________
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EH26
CERAMIC
3.3V
OS48
02/04
ELECTRICAL SPECIFICATIONS
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year Aging
at 25°C, Shock, and Vibration
≤70.000MHz 20% to 80% of Waveform w/HCMOS Load
>70.000MHz 20% to 80% of Waveform w/HCMOS Load
≤70.000MHz
>70.000MHz
at 50% of Waveform
V
IH :No Connection or
≥2.2V
DC
V
IL :
≤0.8V
DC
Frequency Range
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Load Drive Capability
Duty Cycle (at V
DD=3.3VDC)
Tri-State Input Voltage
Aging (at 25°C)
Start Up Time
Period Jitter: Absolute
Period Jitter: One Sigma
1.000MHz to 155.520MHz
0°C to 70°C or -40°C to 85°C
-55°C to 125°C
3.3V
DC ±0.3VDC
35mA Maximum (Unloaded)
±100ppm, ±50ppm, ±25ppm, or
±20ppm Maximum
2.7V
DC Minimum
I
OH =-8mA
0.5V
DC Maximum
I
OL =+8mA
6 nSeconds Maximum
4 nSeconds Maximum
30pF HCMOS Load Maximum
15pF HCMOS Load Maximum
50 ±10(%) (Standard) or
50 ±5(%) (Optional)
Enables Output
Disables Output: High Impedance
±5ppm / year Maximum
10mSeconds Maximum
±250pSec Maximum, ±100pSec Typical
±50pSec Maximum, ±40pSec Typical
H 1.6
L 7.0
W 5.0


Similar Part No. - EH26

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EH25 ECLIPTEK-EH25 Datasheet
142Kb / 2P
   OSCILLATOR
logo
Rectron Semiconductor
EH2A RECTRON-EH2A Datasheet
548Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Amperes
2021-06 REV:A
EH2B RECTRON-EH2B Datasheet
548Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Amperes
2021-06 REV:A
EH2C RECTRON-EH2C Datasheet
548Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Amperes
2021-06 REV:A
EH2D RECTRON-EH2D Datasheet
548Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Amperes
2021-06 REV:A
More results

Similar Description - EH26

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com