Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7285C Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 3Page - STMicroelectronics ST7285C Datasheet HTML 4Page - STMicroelectronics ST7285C Datasheet HTML 5Page - STMicroelectronics ST7285C Datasheet HTML 6Page - STMicroelectronics ST7285C Datasheet HTML 7Page - STMicroelectronics ST7285C Datasheet HTML 8Page - STMicroelectronics ST7285C Datasheet HTML 9Page - STMicroelectronics ST7285C Datasheet HTML 10Page - STMicroelectronics ST7285C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 117 page
background image
7/117
ST7285C
Pin
Pin Name(s)
Basic Function
Alternate Fun ction
Remarks
1VSSP
Ground for Output Buff-
ers
-
This pin is connected to pin 41
2VDDP
Power Supply for Out-
put Buffers
This pin is connected to pin 42
3
OSCOUT
Oscillator Output pin.
4
OSCIN
Oscillator Input pin.
5
PC0/MISO_B
I/O Port PC0
SPI B master in/slave
out data input/output
Alternate function or I/O. The I/O configuration
is software selectable as triggered input or
push pull output.
6
PC1/MOSI_B
I/O Port PC1
SPI B Master Out/
Slave In Data Input/
Output
7
PC2/SCK_B
I/O Port PC2
SPI B Serial Clock
8
PC3/SS_B
I/O Port PC3
SPI B Slave Select
9
PC4/OC2_B
I/O Port PC4
Output Compare 2
on Timer B
Alternate function or I/O. Software selectable
as triggered input, push pull output, or trig-
gered interrupt input with pull up (Interrupt I10).
10
PC5/OC1_B
I/O Port PC5
Output Compare 1
on Timer B
11
PC6/IC2_B
I/O Port PC6
Input Capture 2
on Timer B
Alternate function or I/O. The I/O configuration
is software selectable as triggered input or
push pull output.
12
PC7/IC1_B
I/O Port PC7
Input Capture 1
on Timer B.
13
PD0/MISO_A
I/O Port PD0
SPI A Master In/Slave
Out Data Input/Output
14
PD1/MOSI_A
I/O Port PD1
SPI A Master Out/
Slave In data Input/
Output
15
PD2/SCK_A
I/O Port PD2
SPI A Serial Clock
16
PD3/SS_A
I/O Port PD3
SPI A Slave Select
17
PD4
I/O Port PD4
-
Software selectable as triggered input, push
pull output, open drain output or triggered in-
terrupt input with pull up (Interrupt I9).
18
PD5
I/O Port PD5
-
19
PD6/SCL
I/O Port PD6
I2C Serial Clock
Alternate function or I/O. The I/O configuration
is software selectable as triggered input or
open drain output.
20
PD7/SDA
I/O Port PD7
I2C Serial Data
21
RESET
General Reset
-
Bidirectional. An active low signal forces MCU
initialization. This event is the top priority non-
maskable interrupt. As an output, it can be
used to reset external peripherals.
22
TEST
RESERVED
-
Input. This pin MUST be tied directly to VSS
during normal operation.
23
VDD
Power Supply for all log-
ic circuitry
-
Except for output buffers and pull-ups.
24
VSS
Ground for all logic cir-
cuitry
-
25
PE0
I/O Port PE0
-
Software selectable as triggered input or push
pull output.
26
PE1
I/O Port PE1
-
27
PE2
I/O Port PE2
-
28
PE3
I/O Port PE3
-
29
PE4
I/O Port PE4
-
30
PE5
I/O Port PE5
-
31
PE6
I/O Port PE6
-
32
PE7
I/O Port PE7
-


Similar Part No. - ST7285C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
   ROM FROM EPROM
ST7282A5 STMICROELECTRONICS-ST7282A5 Datasheet
260Kb / 23P
   ROM FROM EPROM
ST7282B5 STMICROELECTRONICS-ST7282B5 Datasheet
260Kb / 23P
   ROM FROM EPROM
logo
Sitronix Technology Co....
ST7282T2 SITRONIX-ST7282T2 Datasheet
1Mb / 77P
   720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.2 2016/03
More results

Similar Description - ST7285C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72340 STMICROELECTRONICS-ST72340 Datasheet
3Mb / 191P
   8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
   8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
October 1997 Rev. 1.2
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72325 STMICROELECTRONICS-ST72325 Datasheet
1Mb / 193P
   8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com