Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV358S8-XX-BL Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # LMV358S8-XX-BL
Description  Dual Low Voltage Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LMV358S8-XX-BL Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  LMV358S8-XX-BL Datasheet HTML 1Page - TAITRON Components Incorporated LMV358S8-XX-BL Datasheet HTML 2Page - TAITRON Components Incorporated LMV358S8-XX-BL Datasheet HTML 3Page - TAITRON Components Incorporated LMV358S8-XX-BL Datasheet HTML 4Page - TAITRON Components Incorporated LMV358S8-XX-BL Datasheet HTML 5Page - TAITRON Components Incorporated LMV358S8-XX-BL Datasheet HTML 6Page - TAITRON Components Incorporated LMV358S8-XX-BL Datasheet HTML 7Page - TAITRON Components Incorporated LMV358S8-XX-BL Datasheet HTML 8Page - TAITRON Components Incorporated LMV358S8-XX-BL Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev. A/DX 2007-06-04
LMV358
Dual Low Voltage
Operational Amplifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 18
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
Dual Low Voltage Operational Amplifier
General Description
• The LMV358 are low voltage (2.7-5.5V) versions of the dual
and quad commodity op amps.
• The LMV358 are the most cost effective solutions for the
applications where low voltage operation, space saving and
low price are needed.
• The LMV358 have rail-to-rail output swing capability and the
input common-mode voltage range includes ground. They all
exhibit excellent speed-power ratio, achieving 1MHz of bandwidth
and 1V/µs of slew rate with low supply current.
• The LMV358 have bipolar input and output stages for improved noise
performance and higher output current drive.
• The LMV358 is available in SOP-8, DIP-8, TSSOP-8 and MSOP-8 packages
Features
Applications
(For V
=5V and V+ =0V. Typical Unless Otherwise Noted)
• Guaranteed 2.7V and 5V performance
• No crossover distortion, space saving package
• Industrial temp. range, VCM -0.2V to V⎯ -0.8V
• Gain-Bandwidth product; Low supply current: 210µA
• Rail-to-Rail output swing @10KΩ load (V10mV, V+ 65mV)
• RoHS Compliance
Ordering Information
• Battery Charger
• Cordless Telephone
• Switching Power Supply
DIP-8
SOP-8
TSSOP-8
MSOP-8


Similar Part No. - LMV358S8-XX-BL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMV358SEG-13 DIODES-LMV358SEG-13 Datasheet
624Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
LMV358SEG-7 DIODES-LMV358SEG-7 Datasheet
624Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
LMV358SG-13 DIODES-LMV358SG-13 Datasheet
630Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
LMV358SG-13 DIODES-LMV358SG-13 Datasheet
624Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
LMV358SG-7 DIODES-LMV358SG-7 Datasheet
624Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
More results

Similar Description - LMV358S8-XX-BL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
   DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7018 NJRC-NJU7018 Datasheet
116Kb / 4P
   LOW-VOLTAGE OPERATION DUAL C-MOS OPERATIONAL AMPLIFIER????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com