Electronic Components Datasheet Search |
|
EB72F51D50BV2-20000M-G Datasheet(PDF) 2 Page - Ecliptek Corporation |
|
EB72F51D50BV2-20000M-G Datasheet(HTML) 2 Page - Ecliptek Corporation |
2 / 2 page ECLIPTEK CORP. OSCILLATOR EB72F51 14 pin DIP 3.3V OS2A 05/07 MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV .DATE PART NUMBERING GUIDE Line 1: ECLIPTEK Line 2: XX.XXX M Frequency in MHz (5 Digits Maximum + Decimal) Line 3: XX Y ZZ Week of Year Last Digit of Year Ecliptek Manufacturing Identifier Note: Pin 1 shall be designated with a dot MARKING SPECIFICATIONS ENVIRONMENTAL/MECHANICAL SPECIFICATIONS MECHANICAL DIMENSIONS ALL DIMENSIONS IN MILLIMETERS 800-ECLIPTEK www.ecliptek.com for latest revision Specifications subject to change without notice. Characteristic Specification Gross Leak Test MIL-STD-883, Method 1014, Condition C Mechanical Shock MIL-STD-202, Method 213, Condition C Vibration MIL-STD-883, Method 2007, Condition A Lead Integrity MIL-STD-883, Method 2004 Solderability MIL-STD-883, Method 2002 Temperature Cycling MIL-STD-883, Method 1010 Resistance to Soldering Heat MIL-STD-883, Method 210 Resistance to Solvents MIL-STD-883, Method 215 Pin 1: No Connect or Voltage Control Pin 7: Case Ground Pin 8: Output Pin 14: Supply Voltage EB72F51 C 10 B V 2 - 20.000M - CL125 INITIAL TOLERANCE C= ±1.0ppm D= ±500ppb FREQUENCY STABILITY 2 Digit Code Per Table 1 OPERATING TEMPERATURE RANGE (OTR) 1 Letter Code Per Table 1 AVAILABLE OPTIONS Blank=None (Standard) CLXXX=Custom Lead Length G=Full Size Gull Wing FREQUENCY DUTY CYCLE 2=50% ±5% VOLTAGE CONTROL OPTION N=None (No Connect on Pin 1) V=Voltage Control on Pin 1 |
Similar Part No. - EB72F51D50BV2-20000M-G |
|
Similar Description - EB72F51D50BV2-20000M-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |