Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93C86-BN3P Datasheet(PDF) 6 Page - STMicroelectronics

Part # M93C86-BN3P
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C86-BN3P Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M93C86-BN3P Datasheet HTML 2Page - STMicroelectronics M93C86-BN3P Datasheet HTML 3Page - STMicroelectronics M93C86-BN3P Datasheet HTML 4Page - STMicroelectronics M93C86-BN3P Datasheet HTML 5Page - STMicroelectronics M93C86-BN3P Datasheet HTML 6Page - STMicroelectronics M93C86-BN3P Datasheet HTML 7Page - STMicroelectronics M93C86-BN3P Datasheet HTML 8Page - STMicroelectronics M93C86-BN3P Datasheet HTML 9Page - STMicroelectronics M93C86-BN3P Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Description
M93C86, M93C76, M93C66, M93C56, M93C46
6/37
1
Description
The M93C86, M93C76, M93C66, M93C56 and M93C46 are electrically erasable
programmable memory (EEPROM) devices. They are accessed through a Serial Data input
(D) and Serial Data output (Q) using the MICROWIRE bus protocol.
Figure 1.
Logic diagram
The memory array organization may be divided into either bytes (x8) or words (x16) which
may be selected by a signal applied on Organization Select (ORG). The bit, byte and word
sizes of the memories are as shown in Table 3.
Table 2.
Signal names
Signal name
Function
Direction
S
Chip Select
Input
D
Serial Data input
Input
Q
Serial Data output
Output
C
Serial Clock
Input
ORG
Organisation Select
Input
VCC
Supply voltage
VSS
Ground
AI01928
D
VCC
M93Cx6
VSS
C
Q
S
ORG


Similar Part No. - M93C86-BN3P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86-BN3P STMICROELECTRONICS-M93C86-BN3P Datasheet
331Kb / 37P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
M93C86-BN3P/S STMICROELECTRONICS-M93C86-BN3P/S Datasheet
351Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
M93C86-BN3P/W STMICROELECTRONICS-M93C86-BN3P/W Datasheet
351Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
More results

Similar Description - M93C86-BN3P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86_05 Datasheet
587Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M93S66 STMICROELECTRONICS-M93S66 Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
M93C46MN6T STMICROELECTRONICS-M93C46MN6T Datasheet
623Kb / 33P
   (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
November 2013 Rev 15
M93C86 STMICROELECTRONICS-M93C86_10 Datasheet
649Kb / 37P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide)
logo
OKI electronic componet...
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86_07 Datasheet
351Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
M93C86-125 STMICROELECTRONICS-M93C86-125 Datasheet
248Kb / 32P
   Automotive 16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com