Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB52E9C1N-13000MTR Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EB52E9C1N-13000MTR
Description  OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB52E9C1N-13000MTR Datasheet(HTML) 1 Page - Ecliptek Corporation

  EB52E9C1N-13000MTR Datasheet HTML 1Page - Ecliptek Corporation EB52E9C1N-13000MTR Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EB52E9 Series
• RoHS Compliant (Pb-free)
• Temperature Compensated Crystal Oscillator (TCXO)
• Stratum 3
• HCMOS Output
• 3.3V Supply Voltage
• Ceramic 10-Pad SMD Package
• External Voltage Control Option Available
ECLIPTEK CORP.
OSCILLATOR
EB52E9
CERAMIC
3.3V
OS5Q
07/07
OSCILLATOR
EB52E9
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
H 2.0
L 7.0
W 5.0
±0.28ppm Maximum
±0.37ppm Maximum
±4.6ppm Maximum
See Part Numbering Guide
3.3V
DC ±5%
10mA Maximum
90% of V
DD Minimum
10% of V
DD Maximum
5nSec Maximum
50 ±5(%) Maximum
15pF HCMOS Load
±5ppm Minimum
0.0V
DC to VDD
5% Maximum
100kOhms Minimum
-80dBc/Hz
-115dBc/Hz
-135dBc/Hz
-145dBc/Hz
Enables Output
Enables Output
Disables Output: High Impedance
1pSec Maximum
5mSec Maximum
-40°C to 125°C
vs. Operating Temperature Range (V
DD = 3.3VDC, VC = 1.65VDC)
Inclusive of Frequency Stability and 24 Hours Aging
Inclusive of Frequency Tolerance, Frequency Stability, V
DD (±1%), Load
(±5%), Solder Reflow, and 20 Years Aging
I
OH = -4mA
I
OL = +4mA
Measured at 20% to 80% of Waveform
Measured at 50% of Waveform
1.65V
DC ±1.65VDC; Positive Transfer Characteristic
At offset of 10Hz
At offset of 100Hz
At offset of 1kHz
At offset of >10kHz
No Connect
+0.9V
DD Minimum
+0.1V
DD Maximum
F
J = 12kHz to 20MHz
Nominal Frequency (MHz)
Frequency Stability
Total Holdover Stability
Total Frequency Tolerance
Operating Temperature Range
Supply Voltage (V
DD)
Input Current
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise/Fall Time
Duty Cycle
Load Drive Capability
External Trim (Control Voltage Option)
Control Voltage Range
Linearity
Input Impedance
Typical Phase Noise (at
12.800MHz)
Tri-State Input Voltage (V
IH and VIL)
RMS Phase Jitter
Start Up Time
Storage Temperature Range
6.400, 6.500, 9.720, 10.000, 12.800, 13.000


Similar Part No. - EB52E9C1N-13000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EB52E8 ECLIPTEK-EB52E8 Datasheet
102Kb / 2P
   OSCILLATOR
EB52E8C2N-13.000M ECLIPTEK-EB52E8C2N-13.000M Datasheet
102Kb / 2P
   OSCILLATOR
EB52E8C2N-13.000MTR ECLIPTEK-EB52E8C2N-13.000MTR Datasheet
102Kb / 2P
   OSCILLATOR
EB52E8C2N-13000M ECLIPTEK-EB52E8C2N-13000M Datasheet
102Kb / 2P
   OSCILLATOR
EB52E8C2N-13000MTR ECLIPTEK-EB52E8C2N-13000MTR Datasheet
102Kb / 2P
   OSCILLATOR
More results

Similar Description - EB52E9C1N-13000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com