Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78L15K-XX-TU Datasheet(PDF) 9 Page - TAITRON Components Incorporated

Part # LM78L15K-XX-TU
Description  100mA Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM78L15K-XX-TU Datasheet(HTML) 9 Page - TAITRON Components Incorporated

Back Button LM78L15K-XX-TU Datasheet HTML 5Page - TAITRON Components Incorporated LM78L15K-XX-TU Datasheet HTML 6Page - TAITRON Components Incorporated LM78L15K-XX-TU Datasheet HTML 7Page - TAITRON Components Incorporated LM78L15K-XX-TU Datasheet HTML 8Page - TAITRON Components Incorporated LM78L15K-XX-TU Datasheet HTML 9Page - TAITRON Components Incorporated LM78L15K-XX-TU Datasheet HTML 10Page - TAITRON Components Incorporated LM78L15K-XX-TU Datasheet HTML 11Page - TAITRON Components Incorporated LM78L15K-XX-TU Datasheet HTML 12Page - TAITRON Components Incorporated LM78L15K-XX-TU Datasheet HTML 13Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
100mA Positive Voltage Regulator
Rev. A/DX 2007-06-04
LM78L
www.taitroncomponents.com
Page 9 of 14
Fig.6- Short Circuit Output Current
(Tj=25℃)
Input-Output Voltage Difference (V)
Fig.5- LM78L05 Dropout Characteristics
(Tj=25℃)
Input Voltage (V)
Fig.7- LM78L12/24 Quiescent Current vs.
Output Current (Tj=25℃)
Output Current (mA)
Fig.8- LM78L05 Quiescent Current vs.
Input Voltage (Iout=0mA, Tj=25℃)
Input Voltage (V)
Typical Characteristics Curves (Continued)


Similar Part No. - LM78L15K-XX-TU

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L15 NSC-LM78L15 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
logo
HTC Korea TAEJIN Techno...
LM78L15 HTC-LM78L15 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM78L15 KEXIN-LM78L15 Datasheet
55Kb / 2P
   Three-Terminal Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM78L15 TGS-LM78L15 Datasheet
286Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
logo
First Components Intern...
LM78L15 FCI-LM78L15 Datasheet
2Mb / 7P
   LM78L00Series 3-Terminal Low Current Positive Voltage Regulators
More results

Similar Description - LM78L15K-XX-TU

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com