Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7805AT Datasheet(PDF) 8 Page - TAITRON Components Incorporated

Part # LM7805AT
Description  1A Positive Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM7805AT Datasheet(HTML) 8 Page - TAITRON Components Incorporated

Back Button LM7805AT Datasheet HTML 4Page - TAITRON Components Incorporated LM7805AT Datasheet HTML 5Page - TAITRON Components Incorporated LM7805AT Datasheet HTML 6Page - TAITRON Components Incorporated LM7805AT Datasheet HTML 7Page - TAITRON Components Incorporated LM7805AT Datasheet HTML 8Page - TAITRON Components Incorporated LM7805AT Datasheet HTML 9Page - TAITRON Components Incorporated LM7805AT Datasheet HTML 10Page - TAITRON Components Incorporated LM7805AT Datasheet HTML 11Page - TAITRON Components Incorporated LM7805AT Datasheet HTML 12Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
1A Positive Voltage Regulator
Rev. A/AH 2008-06-18
LM78xxAT
www.taitroncomponents.com
Page 8 of 15
For LM7812AT (VIN=19V, IOUT=1A, TJ=-40 to 125° C, unless otherwise specified)
LM7812AT
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
11.75
12
12.25
TJ=25° C
VOUT
Output Voltage
11.5
-
12.5
V
VIN=14.8V to 27V,
IOUT=5mA to 1A, PD≤15W
VRLINE
Line Regulation
-
25
120
mV
VIN=14.8V to 27V, IOUT=500mA,
TJ=25° C
VRLOAD
Load Regulation
-
40
120
mV
VIN=19V, IOUT=5mA to 1A,
TJ=25° C
IQ
Quiescent Current
-
3.4
6.0
mA
VIN=19V, IOUT=0
-
0.3
0.8
VIN=14.8V to 30V, IOUT=500mA,
TJ=25° C
∆IQ
Quiescent Current
Change
-
0.08
0.5
mA
IOUT=5mA to 1A, TJ=25° C
PSRR
Ripple Rejection
-
60
-
dB
VIN=15V to 25V, f=120Hz,
IOUT=500mA
VDROP
Dropout Voltage
-
2.0
-
V
∆VOUT=1%, IOUT=1A, TJ=25° C
NO
Output Noise Voltage
-
10
-
µV/VO
f=10Hz to 100kHz, TA=25° C
RO
Output Resistance
-
11
-
mΩ
f=1kHz
ISC
Short Circuit Current
-
0.2
-
A
VIN=35V, TA=25° C
IPK
Peak Output Current
-
2.2
-
A
VIN=18V, TJ=25° C
∆VOUT/∆T
-
0.96
-
mV/° C
(∆VOUT/∆VOUT)/∆T
Output Voltage
Temperature Coefficient
-
80
-
ppm/° C


Similar Part No. - LM7805AT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7805A FAIRCHILD-LM7805A Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7805AT

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
78DXXA UTC-78DXXA_15 Datasheet
368Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com