Part Name
         Description
EB72F71C10AV2-20.000M

 OSCILLATOR ( 2 Page)


ECLIPTEK
100% 
Zoom Out Zoom In
   
 2 page
background image
ECLIPTEK CORP.
OSCILLATOR
EB72F71
5 pin DIP
3.3V
OS2E
05/07
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Characteristic
Specification
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Mechanical Shock
MIL-STD-202, Method 213, Condition C
Vibration
MIL-STD-883, Method 2007, Condition A
Lead Integrity
MIL-STD-883, Method 2004
Solderability
MIL-STD-883, Method 2002
Temperature Cycling
MIL-STD-883, Method 1010
Resistance to Soldering Heat
MIL-STD-883, Method 210
Resistance to Solvents
MIL-STD-883, Method 215
Line 1: ECLIPTEK
Line 2: XX.XXX M
Frequency in MHz
(5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
Note: Pin 1 shall be designated with a dot
Pin 1: Output
Pin 2: Case/Ground
Pin 3: Voltage Control
Pin 4: Reference Voltage Output
Pin 5: Supply Voltage
EB72F71 D 10 B V 2 - 20.000M
INITIAL TOLERANCE
C=±1.0ppm
D=±500ppb
FREQUENCY STABILITY
2 Digit Code Per Table 1
OPERATING TEMPERATURE RANGE
1 Letter Code Per Table 1
FREQUENCY
DUTY CYCLE
2=50% ±5%
VOLTAGE CONTROL OPTION
V=Voltage Control on Pin 3 and Reference
Voltage Output on Pin 4
PART NUMBERING GUIDE



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VCC41.8 2.5 3.3 5.0 volt CMOS Oscillator 1 2 3 4 5 MoreVectron International, Inc
GXO-U1005V OSCILLATOR 1 Golledge Electronics Ltd
XQ1006-BD14.7-15.7 GHz GaAs MMIC Voltage Controlled Oscillator 1 2 3 4 5 Mimix Broadband
M210X_075x7 mm 3.3/2.5/1.8 Volt LVPECL/LVDS/CML Clock Oscillator 1 2 3 MTRONPTI
CLV0769E-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CLV1080AVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CLV4700A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CRO2013A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CRO2375AVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl