Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPKV-10M Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # EPKV-10M
Description  FORCE SENSITIVE QUARTZ CRYSTAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

EPKV-10M Datasheet(HTML) 1 Page - Advanced XTAL Products

  EPKV-10M Datasheet HTML 1Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.AXTAL.com
Wasemweg 5
page
1(1)
fon: +49 (6261) 939834
D-74821 Mosbach
fax +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH&Co. KG
min 0.02
0.17
1
2
3
4
4
1 - surface, on which the force sensitive
quartz crystal is mounted
2 - force sensitive quartz crystal EPKV-10M.
3 - undercut.
4 - contact leads.
FORCE SENSITIVE QUARTZ CRYSTAL EPKV-10M
APPLICATIONS
The force sensitive quartz crystal EPKV-10M is intended for operation
in a structure of precision electronic balances. It converts face shear
strain into a frequency variation. Using this crystal, it is possible to design
balances for weighing with a split-hair accuracy of weights by a mass
from several milligrams up to hundreds of kilograms.
FEATURES
-
High resolution and accuracy
-
Long term quartz crystal stability
-
Wide temperature range (-40…+80 °C)
-
Low power consumption
-
Suitable for precision weighting equipment
-
Cost effective
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
SPECIFICATIONS AND REMARKS
UNITS
Electrical characteristics
Frequency range (fundamental mode), fO
9960…10100
kHz
Resonance Resistance typ./max., Rr
30; 50 / 50
kΩ
Drive Level max., DL
1.0
mW
Operating conditions
Force sensitivity
3.5 ± 0.3
Hz/gm
Operating temperature, TOPR (typ./max)
-40…+80 / -60…+100
°C
Storage temperature, TSTR
+5…+40
°C
Maximum frequency deviation
9.8 ± 0.85
kHz
Maximum stress-strain load
± 5…± 20
kg
Frequency Tolerance, ∆f/fO
± 50
ppm
Aging first year/next years max.
± 5 / ± 25
ppm
Static Capacitance typ., CO
9.1…8.1
pF
Capacitance ratio r
200
Size
4 x 10 x 0.17
mm
One side with one electrode of the force sensitive quartz crystal EPKV-10M is glued by epoxy
adhesive on a cleaned and skim surface, thus the central part of the crystal should be free (see
figure). After curing of the glue, the two wires are soldered to the contacts of the crystal, if required.
If the crystal is in a free condition, its force sensitivity characteristic is practically linear.
If the crystal is mounted, a nonlinearity of the force sensitivity characteristic occurs, which must be
determined individually.
EXTERNAL DIMENSIONS
UNITS: millimeters


Similar Part No. - EPKV-10M

ManufacturerPart #DatasheetDescription
logo
ETA-USA
EPK-SC ETA-USA-EPK-SC Datasheet
86Kb / 2P
   High Quality Switching Power Supplies
EPK05SC28 ETA-USA-EPK05SC28 Datasheet
86Kb / 2P
   High Quality Switching Power Supplies
EPK05SC300 ETA-USA-EPK05SC300 Datasheet
86Kb / 2P
   High Quality Switching Power Supplies
EPK05SC48 ETA-USA-EPK05SC48 Datasheet
86Kb / 2P
   High Quality Switching Power Supplies
EPK12SC28 ETA-USA-EPK12SC28 Datasheet
86Kb / 2P
   High Quality Switching Power Supplies
More results

Similar Description - EPKV-10M

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
9211B KISTLER-9211B Datasheet
329Kb / 2P
   Quartz Crystal Miniature Force Sensor for Measuring Dynamic and Quasistatic Forces
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com