Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXMW1030GYT-01 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXMW1030GYT-01
Description  Gated 1030 MHz Microwave Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXMW1030GYT-01 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXMW1030GYT-01 Datasheet HTML 1Page - Advanced XTAL Products AXMW1030GYT-01 Datasheet HTML 2Page - Advanced XTAL Products AXMW1030GYT-01 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AXMW1030GYT-01
www.AXTAL.com
Wasemweg 5
page
2(3)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Typical spectrum - drawing 1:
Typical spectrum - drawing 2:
Typical waveform – drawing 3: (green = Gate input pulse)


Similar Part No. - AXMW1030GYT-01

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXMW1090GYT-01 AXTAL-AXMW1090GYT-01 Datasheet
130Kb / 3P
   Gated 1090 MHz Microwave Oscillator
More results

Similar Description - AXMW1030GYT-01

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXG2X45G AXTAL-AXG2X45G Datasheet
147Kb / 3P
   Dual Frequency Gated Oscillator 1030 / 1090 MHz
AXMW1090GYT-01 AXTAL-AXMW1090GYT-01 Datasheet
130Kb / 3P
   Gated 1090 MHz Microwave Oscillator
logo
TriQuint Semiconductor
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
   1030 MHz BAW Filter
857216 TRIQUINT-857216_15 Datasheet
548Kb / 6P
   1030 MHz SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0973A TAI-SAW-TA0973A Datasheet
213Kb / 7P
   SAW Filter 1030 MHz
logo
API Technologies Corp
MN95031 APITECH-MN95031 Datasheet
78Kb / 3P
   1030 MHz Resonator 0.2 MHz Bandwidth
logo
Data Delay Devices, Inc...
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO-34F DATADELAY-DLO-34F Datasheet
120Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO-36F DATADELAY-DLO-36F Datasheet
112Kb / 1P
   GATED-DELAY LINE OSCILLATOR
logo
Qorvo, Inc
880367 QORVO-880367 Datasheet
152Kb / 6P
   1030 MHz IFF BAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com