Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317 Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # LM317
Description  Adustable Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM317 Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  LM317 Datasheet HTML 1Page - TAITRON Components Incorporated LM317 Datasheet HTML 2Page - TAITRON Components Incorporated LM317 Datasheet HTML 3Page - TAITRON Components Incorporated LM317 Datasheet HTML 4Page - TAITRON Components Incorporated LM317 Datasheet HTML 5Page - TAITRON Components Incorporated LM317 Datasheet HTML 6Page - TAITRON Components Incorporated LM317 Datasheet HTML 7Page - TAITRON Components Incorporated LM317 Datasheet HTML 8Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Adjustable Positive Voltage Regulator
Rev. A/DX 2007-06-04
LM317
www.taitroncomponents.com
Page 4 of 8
Fig.1- Load Regulation vs. Temperature
Temperature (° C)
Fig.3-
Current Limit
VIN-VOUT (V)
Fig.2- Adjustment Current vs. Temperature
Temperature (° C)
LM317
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
IL(MIN)
Minimum Load Current for
Regulation
-
3.5
10
mA
VIN-VOUT=40V
IO(MAX)
Maximum Output Current
0.3
0.4
-
A
VIN-VOUT=40V, PD20W
eN
RMS Noise vs. %of VOUT
-
0.003
-
%/VOUT
10Hz≤f≤10KHz
CADJ=0
-
65
-
RR
Ripple
Rejection
CADJ=10µF
66
80
-
dB
VOUT=10V, f=120Hz
Note: CADJ is connected between Adjust pin and Ground.
Typical Characteristics Curves
Fig.4- Minimum Operating Current
VIN-VOUT (V)


Similar Part No. - LM317

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM317 TGS-LM317 Datasheet
157Kb / 3P
   3-Terminal Positive Adjustable Regulator
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
LM317 ETC2-LM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317 ETL-LM317 Datasheet
255Kb / 5P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM317 STMICROELECTRONICS-LM317 Datasheet
1Mb / 34P
    1.2 V to 37 V adjustable voltage regulators
Rev 22 - December 2021
More results

Similar Description - LM317

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LA317 TAITRON-LA317 Datasheet
436Kb / 9P
   1.0A Adustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Rohm
BA00CC0WCP-V5 ROHM-BA00CC0WCP-V5 Datasheet
362Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch(Adustable Voltage)
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com